Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSM1011_0311 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. TSM1011_0311
Description  Constant Voltage and Constant Current Controller for Battery Chargers and Adapters
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

TSM1011_0311 Datasheet(HTML) 6 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TSM1011
Compensation
6/9
6
COMPENSATION
The voltage-control transconductance operational
amplifier can be fully compensated. Both its
output and negative input are directly accessible
for external compensation components.
An example of a suitable compensation network is
shown in
Figure 5. It consists of a capacitor
Ccv1=2.2nF and a resistor Rcv1=22KΩ in series.
The current-control transconductance operational
amplifier can be fully compensated. Both of its
output and negative input are directly accessible
for external compensation components.
An example of a suitable compensation network is
shown in
Figure 5. It consists of a capacitor
Cic1=2.2nF and a resistor Ric1=22KΩ in series.
Fig. 4: Schematic of compensation network
7
START UP AND SHORT CIRCUIT CONDITIONS
Under start-up or short-circuit conditions the
TSM1011 is not provided with a high enough
supply voltage. This is due to the fact that the chip
has its power supply line in common with the
power supply line of the system.
Therefore, the current limitation can only be
ensured by the primary PWM module, which
should be chosen accordingly.
If the primary current limitation is not considered
to be precise enough for the application, then a
sufficient supply for the TSM1011 has to be
ensured under all conditions. This means that it is
necessary to add some circuitry to supply the chip
with a separate power line. This can be achieved
in numerous ways, including an additional winding
on the transformer.
+
CS
DS
D
R2
R1
Rsense
Rvc1
22K
Cvc1
2.2nF
Ric1
22K
OUT+
OUT-
+
Cic1
2.2nF
IL
Ric2
1K
R5
1K
R4
10K
R3
100
IL
Vsense
+
Rlimit
Vcc
28V
Vcc
Cv-
Out
Gnd
Cc-
Cc+
Cv+
Vref
1
4
5
3
7
CV
CC
TSM1011


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn