Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33742EG Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MCZ33742EG
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EG Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MCZ33742EG Datasheet HTML 52Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 53Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 54Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 55Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 56Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 57Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 58Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 59Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
INTERRUPT REGISTER (INTR)
Tables 40 through 42 contain the Interrupt Register information. The INTR register allows masking or enabling the interrupt
source. A read operation identifies the interrupt source. Table 42 provides status bit information. The status bits of the INTR
register content are copies of the IOR, CAN, TIM, and LPC registers status content. To clear the Interrupt Register bits, the IOR,
CAN, TIM, and/or LPC registers must be cleared (read register) and the recovery condition must occur. Errors bits are latched
in the CAN register and the IOR register.
When the mask bit is set, the INT pin goes LOW if the appropriate condition occurs. Upon a wake-up condition from Stop mode
due to over-current detection (IDDS-WU1 or IDDS-WU2), an INT pulse is generated; however, INTR register content remains at 0000
(not bit set into the INTR register).
Table 40. Interrupt Register
INTR
R/W
D3
D2
D1
D0
$111b
W
VSUPLOW
HSOT-V2LOW(67)
V1TEMP
CANF
R
VSUPLOW
HSOT
V1TEMP
CANF
Reset Value
0
0
0
0
Reset Condition
(Write)(68)
POR, RST
POR, RST
POR, RST
POR, RST
Notes
67.
If only HSOT- V2LOW interrupt is selected (only bit D2 set in INTR register), reading INTR register bit D2 leads to two possibilities:
1. Bit D2 = 1: Interrupt source is HSOT.
2. Bit D2 = 0: Interrupt source is V2LOW.
HSOT and V2LOW bits status are available in the IOR register.
68.
See Table 13, page 47, for definitions of reset conditions.
Table 41. Interrupt Register Control Bits
Name
Description
CANF
Mask bit for CAN failures.
VDDTEMP
Mask bit for VDD medium temperature
(pre-warning).
HSOT - V2LOW
Mask bit for HS over-temperature AND V2LTH < 4.0V.
VSUPLOW
Mask bit for VBF(EW) < 5.8V.
Table 42. Interrupt Register Status Bits
Name
Logic
Description
VSUPLOW
0
No VBF(EW) < 5.8V.
1
VBF(EW) < 5.8V.
HSOT
0
No HS over-temperature.
1
HS over-temperature.
VDDTEMP
0
No VDD medium temperature (pre-warning).
1
VDD medium temperature (pre-warning).
CANF
0
No CAN failure.
1
CAN failure.


Similar Part No. - MCZ33742EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33742EG FREESCALE-MCZ33742EG Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results

Similar Description - MCZ33742EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com