Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33742EG Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MCZ33742EG
Description  System Basis Chip with Enhanced High Speed CAN Transceiver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33742EG Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MCZ33742EG Datasheet HTML 49Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 50Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 51Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 52Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 53Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 54Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 55Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 56Page - Freescale Semiconductor, Inc MCZ33742EG Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
33742
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 28. Window Watchdog
Figure 29. Timeout Watchdog
Table 31. TIM1 Control Bits
WDW
WDT1
WDT0
Timing (ms typ)
Parameter
Description
0
0
0
9.75
Watchdog Period 1
No Window Watchdog
0
0
1
45
Watchdog Period 2
0
1
0
100
Watchdog Period 3
0
1
1
350
Watchdog Period 4
1
0
0
9.75
Watchdog Period 1
Watchdog Window enabled
(Window length is half the
Watchdog Timing).
1
0
1
45
Watchdog Period 2
1
1
0
100
Watchdog Period 3
1
1
1
350
Watchdog Period 4
Watchdog Timing x 50%
Watchdog Timing x 50%
Watchdog Period
(Watchdog Timing Selected by TIM1 Bit WDW =1)
Window Closed
No Watchdog Clear Allowed
Window Open for Watchdog Clear
Watchdog Period
(Watchdog Timing Selected by TIM1 Bit WDW = 0)
Window Open for Watchdog Clear
Table 32. Timing Register Status Bits
Name
Logic
Failure Description
CANL2VDD
0
No CANL short to VDD.
1
CANL short to VDD.
CANL2BAT
0
No CANL short to VSUP.
1
CANL short to VSUP.
CANL2GND
0
No CANL short to GND.
1
CANL short to GND.
TXPD
0
No TXD dominant.
1
TXD dominant.
Table 33. TIM2 Timing and CANL Failure Diagnostic Register
TIM2
R/W
D3
D2
D1
D0
$101b
W
1
CSP2
CSP1
CSP0
R
CANL2VDD
CANL2BAT
CANL2GND
TXPD
Reset Value
0
0
0
Reset Condition (Write)(64)
POR, RESET
POR, RESET
POR, RESET
Notes
64.
See Table 13, page 47, for definitions of reset conditions.


Similar Part No. - MCZ33742EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33742EG FREESCALE-MCZ33742EG Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MCZ33742EGR2 FREESCALE-MCZ33742EGR2 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
More results

Similar Description - MCZ33742EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
logo
Freescale Semiconductor...
33989 FREESCALE-33989 Datasheet
2Mb / 66P
   System Basis Chip with High-Speed CAN Transceiver
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com