Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5973D Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5973D
Description  2.5 A switch step down switching regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5973D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5973D Datasheet HTML 6Page - STMicroelectronics L5973D Datasheet HTML 7Page - STMicroelectronics L5973D Datasheet HTML 8Page - STMicroelectronics L5973D Datasheet HTML 9Page - STMicroelectronics L5973D Datasheet HTML 10Page - STMicroelectronics L5973D Datasheet HTML 11Page - STMicroelectronics L5973D Datasheet HTML 12Page - STMicroelectronics L5973D Datasheet HTML 13Page - STMicroelectronics L5973D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application circuit
L5973D
10/17
Figure 13.
PCB layout (component side)
Figure 14.
PCB layout (bottom side)
Figure 15.
PCB layout (front side)
Below some graphs show the TJ versus output current in different conditions of the input and
output voltage and some efficiency measurements.


Similar Part No. - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
L5973D STMICROELECTRONICS-L5973D Datasheet
488Kb / 21P
   2A switch step down switching regulator
More results

Similar Description - L5973D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
   2.5 A switch step down switching regulator
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
L5973AD STMICROELECTRONICS-L5973AD_08 Datasheet
491Kb / 21P
   2 A switch step down switching regulator
E-L5973AD STMICROELECTRONICS-E-L5973AD Datasheet
489Kb / 22P
   2 A switch step down switching regulator
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
   1.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com