Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33290EFR2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MCZ33290EFR2
Description  ISO K Line Serial Link Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33290EFR2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MCZ33290EFR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33290EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33290
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions of 4.75 V
≤ VDD ≤ 5.25 V, 8.0 V ≤ VBB ≤ 18 V, -40°C ≤ TC ≤ 125°C, unless otherwise
noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Fall Time (19)
RISO = 510 Ω to VBB, CISO = 10 nF to Ground
tfall(ISO)
2.0
µs
ISO Propagation Delay (20)
High to Low: RISO = 510 Ω, CISO = 500 pF (21)
Low to High: RISO = 510 Ω, CISO = 500 pF (22)
tPD(ISO)
2.0
2.0
µs
Notes
19.
Time required ISO voltage to transition from 0.8 VBB to 0.2 VBB.
20.
Changes in the value of CISO affect the rise and fall time but have minimal effect on Propagation Delay.
21.
Step TX voltage from 0.2 VDD to 0.8 VDD. Time measured from VIH(ISO) until VISO reaches 0.3 VBB.
22.
Step TX voltage from 0.8 VDD to 0.2 VDD. Time measured from VIL(ISO) until VISO reaches 0.7 VBB.


Similar Part No. - MCZ33290EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33290EF/R2 FREESCALE-MCZ33290EF/R2 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
More results

Similar Description - MCZ33290EFR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
MC33290 FREESCALE-MC33290 Datasheet
226Kb / 12P
   ISO K Line Serial Link Interface
logo
NXP Semiconductors
MC33660 NXP-MC33660 Datasheet
418Kb / 13P
   ISO K line serial link interface
Rev 6.0, 7/2016
logo
Freescale Semiconductor...
MC33199 FREESCALE-MC33199 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
ATMEL Corporation
TSS463C ATMEL-TSS463C Datasheet
701Kb / 59P
   VAN Data Link Controller with Serial Interface
TSS463B ATMEL-TSS463B_04 Datasheet
954Kb / 59P
   VAN Data Link Controller with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com