Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33291L Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33291L_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291L_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33291L
Figure 2. 33291L Simplified Block Diagram
V
PWR 21
Gate
Control
Open
Load
Detect
Short
Circuit
Detect
Over-
temperature
Detect
Over-
voltage
Voltage
Regulator
Serial D/O
Line Driver
OVD
VDD
RB
SFPD
SFL
CS
SCLK
SI
SO
CSI
CSBI
GE
OT
SF
OF
SPI
Interface
Logic
+
-
Fault Timers
+
+
+
10
μA
25
μA
10
μA
Bias
To Gates
1–7
Output 0
24
Outputs
From Detectors 1–7
RS
lLimit
53 V
1, 2, 11–14, 23
PIN
SFPD
RST
CS
SCLK
SI
SO
16
15
22
10
3
4
9
10
μA
10
μA
Grounds
5–8, 17–20
Table 1. Fault Operation
SERIAL OUTPUT (SO) PIN REPORTS
Overvoltage
Overvoltage condition reported.
Overtemperature
Fault reported by Serial Output (SO) pin.
Overcurrent
SO pin reports short to battery/supply or overcurrent condition.
Output ON, Open Load Fault
Not reported.
Output OFF, Open Load Fault
SO pin reports output OFF open load condition.
DEVICE SHUTDOWNS
Overvoltage
Total device shutdown at VPWR = 28 V to 36 V. All outputs are latched off while the SPI register is reset
(cleared). Outputs can be turned back on with a new SPI command after VPWR has decayed below 26.5 V.
Overtemperature
Only the output experiencing an overtemperature condition turns OFF.
Overcurrent
Only the output experiencing an overcurrent shuts down at 1.0 A to 3.0 A after a 70
μs to 250 μs delay, with
SFPD pin grounded. All other outputs will continue to operate in a current limit mode with no shutdown if the
SFPD pin is at 5.0 V (so long as the individual outputs are not experiencing thermal limit conditions).


Similar Part No. - 33291L_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - 33291L_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com