Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13192 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC13192
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13192 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC13192_08 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13192_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Block Diagrams
MC13192 Technical Data, Rev. 3.3
4
Freescale Semiconductor
3
Block Diagrams
Figure 1 shows a simplified block diagram of the MC13192 which is an 802.15.4 Standard compatible
transceiver that provides the functions required in the physical layer (PHY) specification.
Figure 1. MC13192 Simplified Block Diagram
Figure 2 shows the basic system block diagram for the MC13192 in an application. Interface with the
transceiver is accomplished through a 4-wire SPI port and interrupt request line. The media access control
(MAC), drivers, and network and application software (as required) reside on the host processor. The host
can vary from a simple 8-bit device up to a sophisticated 32-bit processor depending on application
requirements.
Figure 2. System Level Block Diagram
P has e S hift M odulator
RS T
GP IO 1
GP IO 2
GP IO 3
GP IO 4
XT AL2
XT AL1
RF IN -
RF IN +
PA O +
PA O -
MO S I
MIS O
SP IC LK
RX T X E N
CE
AT T N
GP IO 5
GP IO 6
GP IO 7
Rec eiv e
P acket R A M
T rans m it
Pac k et R A M 1
T rans m it R A M
Arbiter
Rec eiv e RA M
Arbiter
PA
VCO
C ryst a l
O scilla t o r
S y m bol
G eneration
FC S
G eneration
Header
G eneration
S equenc e
M anager
(C ontrol Logic )
V DDL O 2
÷ 4
256 M Hz
2.45 G Hz
LN A
1s t IF M ix er
IF = 65 M Hz
2nd IF M ix er
IF = 1 M Hz
PM A
Dec im ation
Filter
M atc hed
Filter
B as eband
Mix er
DC D
CCA
Pac k et
P roc essor
IR Q
Arbiter
24 B it E v ent T im er
IR Q
16 M Hz
AGC
A nalog
R egulator
V B A T T
Digital
R egulator L
Digital
R egulator H
P ow er-U p
C ontrol
Logic
Cry s tal
R egulator
VC O
R egulator
VDDIN T
P rogram m able
Pres c aler
CLK O
4 P rogram m able
T im er C om parators
Sy nthesize r
VDDD
VDDV C O
VDDA
VDDLO 1
T rans m it
Pac k et R A M 2
Analog Receiver
MC13192
Frequency
Generation
Analog
Transmitter
Voltage
Regulators
Power Up
Management
Control
Logic
Buffer RAM
SPI
and GPIO
Microcontroller
SPI
ROM
(Flash)
RAM
CPU
A/D
Application
Network
MAC
PHY Driver


Similar Part No. - MC13192_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results

Similar Description - MC13192_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_08 Datasheet
360Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com