Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C04FBN6TP Datasheet(PDF) 16 Page - STMicroelectronics

Part # M24C04FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C04FBN6TP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M24C04FBN6TP Datasheet HTML 12Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 13Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 14Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 15Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C04FBN6TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Device operation
M24C16, M24C08, M24C04, M24C02, M24C01
16/34
Figure 9.
Read mode sequences
1.
The seven most significant bits of the device select code of a Random Read (in the 1st and 3rd bytes) must
be identical.
3.7
Read operations
Read operations are performed independently of the state of the Write Control (WC) signal.
The device has an internal address counter which is incremented each time a byte is read.
3.7.1
Random Address Read
A dummy Write is first performed to load the address into this address counter (as shown in
Figure 9) but without sending a Stop condition. Then, the bus master sends another Start
condition, and repeats the device select code, with the Read/Write bit (RW) set to 1. The
device acknowledges this, and outputs the contents of the addressed byte. The bus master
must not acknowledge the byte, and terminates the transfer with a Stop condition.
DEV SEL *
BYTE ADDR
DEV SEL
DATA OUT 1
AI01942
DATA OUT N
CURRENT
ADDRESS
READ
DEV SEL
DATA OUT
RANDOM
ADDRESS
READ
DEV SEL *
DATA OUT
SEQUENTIAL
CURRENT
READ
DATA OUT N
DEV SEL *
BYTE ADDR
SEQUENTIAL
RANDOM
READ
DEV SEL *
DATA OUT 1
ACK
R/W
NO ACK
ACK
R/W
ACK
ACK
R/W
ACK
ACK
ACK
NO ACK
R/W
NO ACK
ACK
ACK
R/W
ACK
ACK
R/W
ACK
NO ACK


Similar Part No. - M24C04FBN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C04 STMICROELECTRONICS-M24C04 Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C04 STMICROELECTRONICS-M24C04 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04 STMICROELECTRONICS-M24C04 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-125 STMICROELECTRONICS-M24C04-125 Datasheet
261Kb / 30P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I짼C bus EEPROM
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
   Automotive 4-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
More results

Similar Description - M24C04FBN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-WMN6P STMICROELECTRONICS-M24C16-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-WMN6P STMICROELECTRONICS-M24C04-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RBN6P STMICROELECTRONICS-M24C16-RBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16 STMICROELECTRONICS-M24C16_10 Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C04-FMC5TG STMICROELECTRONICS-M24C04-FMC5TG Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-RMN6P STMICROELECTRONICS-M24C16-RMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C02-WBN6P STMICROELECTRONICS-M24C02-WBN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C01-WMN6P STMICROELECTRONICS-M24C01-WMN6P Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
M24C16-BN6 STMICROELECTRONICS-M24C16-BN6 Datasheet
453Kb / 38P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com