Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVL6562A-TM-80W Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVL6562A-TM-80W
Description  80 W high performance transition mode PFC evaluation board
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL6562A-TM-80W Datasheet(HTML) 1 Page - STMicroelectronics

  EVL6562A-TM-80W Datasheet HTML 1Page - STMicroelectronics EVL6562A-TM-80W Datasheet HTML 2Page - STMicroelectronics EVL6562A-TM-80W Datasheet HTML 3Page - STMicroelectronics EVL6562A-TM-80W Datasheet HTML 4Page - STMicroelectronics EVL6562A-TM-80W Datasheet HTML 5Page - STMicroelectronics EVL6562A-TM-80W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2007
Rev 2
1/6
6
EVL6562A-TM-80W
80 W high performance transition mode PFC evaluation board
Features
Line voltage range: 88 to 265 VAC
Minimum line frequency (fL): 47 Hz
Regulated output voltage: 400 V
Rated output power: 80 W
Maximum 2fL output voltage ripple: 10 V pk-pk
Hold-up time: 20 ms (VDROP after hold-up time:
300 V)
Minimum switching frequency: 35 kHz
Minimum estimated efficiency: 92% (VIN = 90
VAC, POUT = 80 W)
Maximum ambient temperature: 50 °C
PCB type and size: single side, 35 µm, CEM-1,
108 x 57 mm
Description
The L6562A is a current-mode PFC controller
operating in transition mode (TM). With the same
pin-out as its predecessor L6562, the L6562A
offers improved performance mainly in terms of
efficiency and noise immunity.
This board implements an 80 W, wide-range
mains input and a PFC pre-conditioner suitable
for ballast, adapters, flat screen displays, etc.
www.st.com


Similar Part No. - EVL6562A-TM-80W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVL6562A-400W STMICROELECTRONICS-EVL6562A-400W Datasheet
150Kb / 9P
   L6562A 400W FOT-controlled PFC pre-regulator evaluation board
More results

Similar Description - EVL6562A-TM-80W

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF6562 SIFIRST-SF6562 Datasheet
65Kb / 2P
   High Performance Transition Mode PFC Controller
logo
Shindengen Electric Mfg...
MCZ5205SE SHINDENGEN-MCZ5205SE Datasheet
980Kb / 30P
   Transition Mode PFC High Performance Symmetric LLC Controller
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6564H STMICROELECTRONICS-L6564H Datasheet
1Mb / 35P
   High voltage startup transition-mode PFC
June 2012 Rev 2
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com