Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP15N65_0704 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP15N65_0704
Description  650V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP15N65_0704 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP15N65_0704 Datasheet HTML 1Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 2Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 3Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 4Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 5Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 6Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 7Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 8Page - Fairchild Semiconductor FDP15N65_0704 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FDP15N65 / FDPF15N65 Rev. B
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 5.23mH, IAS = 15A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 15A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP15N65
FDP15N65
TO-220
--
--
50
FDPF15N65
FDPF15N65
TO-220F
--
--
50
Symbol
Parameter
Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA, TJ = 25°C
650
--
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25°C
--
0.65
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 650V, VGS = 0V
VDS = 520V, TC = 125°C
--
--
--
--
1
10
μA
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 7.5A
--
0.36
0.44
Ω
gFS
Forward Transconductance
VDS = 40V, ID = 7.5A
(Note 4)
--
19.2
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
2380
3095
pF
Coss
Output Capacitance
--
295
385
pF
Crss
Reverse Transfer Capacitance
--
23.6
35.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 325V, ID = 15A
RG = 21.7Ω
(Note 4, 5)
--
65
140
ns
tr
Turn-On Rise Time
--
125
260
ns
td(off)
Turn-Off Delay Time
--
105
220
ns
tf
Turn-Off Fall Time
--
65
140
ns
Qg
Total Gate Charge
VDS = 520V, ID = 15A
VGS = 10V
(Note 4, 5)
--
48.5
63.0
nC
Qgs
Gate-Source Charge
--
14.0
--
nC
Qgd
Gate-Drain Charge
--
21.2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
15
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
60
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 15A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 15A
dIF/dt =100A/μs
(Note 4)
--
496
--
ns
Qrr
Reverse Recovery Charge
--
5.69
--
μC


Similar Part No. - FDP15N65_0704

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP15N65_0610 FAIRCHILD-FDP15N65_0610 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
More results

Similar Description - FDP15N65_0704

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com