Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDW2503N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDW2503N
Description  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2503N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDW2503N_08 Datasheet HTML 1Page - Fairchild Semiconductor FDW2503N_08 Datasheet HTML 2Page - Fairchild Semiconductor FDW2503N_08 Datasheet HTML 3Page - Fairchild Semiconductor FDW2503N_08 Datasheet HTML 4Page - Fairchild Semiconductor FDW2503N_08 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
July
2008
2008 Fairchild Semiconductor Corporation
FDW2503N Rev D1 (W)
FDW2503N
Dual N-Channel 2.5V Specified PowerTrench MOSFET
General Description
This N-Channel 2.5V specified MOSFET is a rugged
gate version of Fairchild's Semiconductor’s advanced
PowerTrench process. It has been optimized for power
management applications with a wide range of gate
drive voltage (2.5V – 12V).
Applications
• Load switch
• Motor drive
• DC/DC conversion
• Power management
Features
• 5.5 A, 20 V.
RDS(ON) = 0.021
Ω @ VGS = 4.5 V
RDS(ON) = 0.035
Ω @ VGS = 2.5 V
• Extended VGSS range (±12V) for battery applications
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• Low profile TSSOP-8 package
D1
S1
S1
G1
D2
S2
S2
G2
TSSOP-8
Pin 1
8
7
6
5
1
2
3
4
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current – Continuous
(Note 1a)
5.5
A
– Pulsed
30
PD
Power Dissipation
(Note 1a)
1.0
W
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
125
°C/W
(Note 1b)
208
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
2503N
FDW2503N
13’’
12mm
2500 units


Similar Part No. - FDW2503N_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2503NZ FAIRCHILD-FDW2503NZ Datasheet
73Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDW2503N_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com