Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDU8878 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDU8878
Description  N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDU8878 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDU8878 Datasheet HTML 1Page - Fairchild Semiconductor FDU8878 Datasheet HTML 2Page - Fairchild Semiconductor FDU8878 Datasheet HTML 3Page - Fairchild Semiconductor FDU8878 Datasheet HTML 4Page - Fairchild Semiconductor FDU8878 Datasheet HTML 5Page - Fairchild Semiconductor FDU8878 Datasheet HTML 6Page - Fairchild Semiconductor FDU8878 Datasheet HTML 7Page - Fairchild Semiconductor FDU8878 Datasheet HTML 8Page - Fairchild Semiconductor FDU8878 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2008 Fairchild Semiconductor Corporation
FDD8878 / FDU8878 Rev. A4
www.fairchildsemi.com
5
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Gate
Voltage and Drain Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
110
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
1
10
100
0.01
0.1
1
500
10
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
20
40
60
80
1.52.02.53.03.54.0
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
20
40
60
80
0
0.25
0.5
0.75
1.0
1.25
1.5
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
VGS = 10V
VGS = 4V
VGS = 3V
VGS = 5V
10
15
20
25
30
2468
10
ID = 1A
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-80
-40
0
40
80
120
160
200
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 35A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Similar Part No. - FDU8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDU8878 FAIRCHILD-FDU8878 Datasheet
240Kb / 12P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDU8878

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP8878 FAIRCHILD-FDP8878 Datasheet
246Kb / 6P
   N-Channel Logic Level PowerTrench MOSFET 30V, 40A, 15m Ohm
FDMS8660S FAIRCHILD-FDMS8660S Datasheet
434Kb / 8P
   N-Channel PowerTrench SyncFET (30V, 40A, 2.4mOHM)
FDD8874 FAIRCHILD-FDD8874_08 Datasheet
664Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
FDB8896 FAIRCHILD-FDB8896 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com