Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS8874 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDS8874
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8874 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDS8874 Datasheet HTML 1Page - Fairchild Semiconductor FDS8874 Datasheet HTML 2Page - Fairchild Semiconductor FDS8874 Datasheet HTML 3Page - Fairchild Semiconductor FDS8874 Datasheet HTML 4Page - Fairchild Semiconductor FDS8874 Datasheet HTML 5Page - Fairchild Semiconductor FDS8874 Datasheet HTML 6Page - Fairchild Semiconductor FDS8874 Datasheet HTML 7Page - Fairchild Semiconductor FDS8874 Datasheet HTML 8Page - Fairchild Semiconductor FDS8874 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2007 Fairchild Semiconductor Corporation
FDS8874 Rev. B
www.fairchildsemi.com
5
Figure 11. Normalized Drain to Source
Breakdown Voltage vs Junction Temperature
Figure 12. Capacitance vs Drain to Source
Voltage
Figure 13. Gate Charge Waveforms for Constant
Gate Currents
Figure 14. Forward Bias Safe Operating Area
Typical Characteristics T
J = 25°C unless otherwise noted
0.90
0.95
1.00
1.05
1.10
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (oC)
ID = 250µA
100
1000
0.1
1
10
5000
30
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
2
4
6
8
10
0
102030405060
Qg, GATE CHARGE (nC)
VDD = 15V
ID = 16A
ID = 1A
WAVEFORMS IN
DESCENDING ORDER:
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DC
10s
1s
100ms
10ms
1ms
100us
VDS, DRAIN to SOURCE VOLTAGE (V)
200
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 125
oC/W
TA = 25
oC


Similar Part No. - FDS8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8874 FAIRCHILD-FDS8874 Datasheet
2Mb / 11P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDS8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com