Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA46N15_F109 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQA46N15_F109
Description  150V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA46N15_F109 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQA46N15_F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 8Page - Fairchild Semiconductor FQA46N15_F109 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FQA46N15 / FQA46N15_F109 Rev. A1
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 22.8 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
25
50
75
100
125
150
175
0
10
20
30
40
50
T
C, Case Temperature [
]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
10
3
10 µs
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 175
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
No te s :
1 . Z
θ JC(t ) = 0 . 6
/W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C = P DM * Z θ JC(t )
s in g le p u ls e
D= 0 .5
0.02
0.2
0.0 5
0.1
0.0 1
t
1 , S q uar e W a v e P u l s e D u r a t i on [ s ec ]
t1
PDM
t2


Similar Part No. - FQA46N15_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA46N15 FAIRCHILD-FQA46N15 Datasheet
759Kb / 8P
   150V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA46N15 ISC-FQA46N15 Datasheet
361Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQA46N15_F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com