Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG327NZ Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDG327NZ
Description  20V N-Channel PowerTrenchO MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG327NZ Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDG327NZ Datasheet HTML 1Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 2Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 3Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 4Page - Fairchild Semiconductor FDG327NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDG327NZ Rev C1(W)
Typical Characteristics
0
2
4
6
8
10
0
1
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS= 4.5V
1.5V
1.8V
2.0V
2.5V
V
0.8
1
1.2
1.4
1.6
1.8
0
2
4
6
8
10
ID, DRAIN CURRENT (A)
V
GS=1.5V
3.0V
2.5V
4.5V
2.0V
1.8V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (
oC)
ID = 1.5A
V
GS = 4.5V
0.02
0.07
0.12
0.17
0.22
0.5
1.5
2.5
3.5
4.5
V
GS, GATE TO SOURCE VOLTAGE (V)
I
D = 0.8A
T
A = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
0.5
1
1.5
2
2.5
V
GS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
V
DS = 5.0V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDG327NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG327NZ FAIRCHILD-FDG327NZ Datasheet
235Kb / 5P
   20V N-Channel PowerTrench MOSFET
More results

Similar Description - FDG327NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_08 Datasheet
526Kb / 8P
   Dual N & P-Channel PowerTrenchO MOSFET
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com