Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD8874 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD8874
Description  N-Channel PowerTrench MOSFET 30V, 116A, 5.1m ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8874 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD8874 Datasheet HTML 1Page - Fairchild Semiconductor FDD8874 Datasheet HTML 2Page - Fairchild Semiconductor FDD8874 Datasheet HTML 3Page - Fairchild Semiconductor FDD8874 Datasheet HTML 4Page - Fairchild Semiconductor FDD8874 Datasheet HTML 5Page - Fairchild Semiconductor FDD8874 Datasheet HTML 6Page - Fairchild Semiconductor FDD8874 Datasheet HTML 7Page - Fairchild Semiconductor FDD8874 Datasheet HTML 8Page - Fairchild Semiconductor FDD8874 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
©200
8 Fairchild Semiconductor Corporation
FDD8874 / FDU8874 Rev.B
2
Typical Characteristics T
C = 25°C unless otherwise noted
Figure 1. Normalized Power Dissipation vs Case
Temperature
Figure 2. Maximum Continuous Drain Current vs
Case Temperature
Figure 3. Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
0
30
60
90
120
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
CURRENT LIMITED
BY PACKAGE
VGS = 10V
0.1
1
10-5
10-4
10-3
10-2
10-1
100
101
0.01
2
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.5
0.2
0.1
0.05
0.01
0.02
DUTY CYCLE - DESCENDING ORDER
SINGLE PULSE
100
1000
30
t, PULSE WIDTH (s)
10-5
10-4
10-3
10-2
10-1
100
101
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
VGS = 4.5V
VGS = 10V


Similar Part No. - FDD8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874 Datasheet
133Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A
logo
Inchange Semiconductor ...
FDD8874 ISC-FDD8874 Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8874 UMW-FDD8874 Datasheet
545Kb / 7P
   30V N -Channel MOSFET
More results

Similar Description - FDD8874

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8874 FAIRCHILD-FDD8874 Datasheet
133Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 116A
FDU8878 FAIRCHILD-FDU8878_08 Datasheet
405Kb / 12P
   N-Channel PowerTrench MOSFET 30V, 40A, 15m ohm
FDB8896 FAIRCHILD-FDB8896 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com