Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD6N20 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDD6N20
Description  N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N20 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDD6N20 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 8Page - Fairchild Semiconductor FDD6N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
FDD6N20 / FDU6N20 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i ode F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i ode F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDD6N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6N20TM FAIRCHILD-FDD6N20TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDD6N20TM ISC-FDD6N20TM Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD6N20

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com