Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5810 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD5810
Description  N-Channel Logic Level Trench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5810 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD5810_07 Datasheet HTML 1Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 2Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 3Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 4Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 5Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 6Page - Fairchild Semiconductor FDD5810_07 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2006 Fairchild Semiconductor Corporation
FDD5810 Rev. A (W)
October 2007
www.fairchildsemi.com
1
FDD5810
N-Channel Logic Level Trench® MOSFET
60V, 36A, 27m
Ω
Features
RDS(ON) = 22mΩ (Typ.), VGS = 5V, ID = 29A
Qg(5) = 13nC (Typ.), VGS = 5V
Low Miller Charge
Low Qrr Body Diode
UIS Capability (Single Pulse / Repetitive Pulse)
Qualified to AEC Q101
RoHS Compliant
Applications
Motor / Body Load Control
ABS Systems
Powertrain Management
Injection System
DC-DC converters and Off-line UPS
Distributed Power Architecture and VRMs
Primary Switch for 12V and 24V systems
G
S
D
TO-252
D-PAK
(TO-252)
D
G
S
A D
F R E E I


Similar Part No. - FDD5810_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5810-F085 FAIRCHILD-FDD5810-F085 Datasheet
454Kb / 7P
   N-Channel Logic Level Trench MOSFET 60V, 36A, 27m
logo
ON Semiconductor
FDD5810-F085 ONSEMI-FDD5810-F085 Datasheet
350Kb / 8P
   N-Channel Logic Level Trench짰MOSFET
September-2017,Rev.1
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
More results

Similar Description - FDD5810_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5810 FAIRCHILD-FDD5810_10 Datasheet
229Kb / 7P
   N-Channel Logic Level Trench짰 MOSFET 60V, 36A, 27m"||" "474244
Wolfson AudioPlus??Stereo CODEC with Power Managem
logo
Analog Power
AM3414N ANALOGPOWER-AM3414N Datasheet
105Kb / 3P
   N-Channel Logic Level MOSFET
AM2310N ANALOGPOWER-AM2310N Datasheet
244Kb / 5P
   N-Channel Logic Level MOSFET
logo
Samsung semiconductor
IRLZ44 SAMSUNG-IRLZ44 Datasheet
209Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
ARTSCHIP ELECTRONICS CO...
IRLZ44 ARTSCHIP-IRLZ44 Datasheet
240Kb / 4P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Microsemi Corporation
2N6901 MICROSEMI-2N6901 Datasheet
154Kb / 3P
   N-CHANNEL LOGIC LEVEL MOSFET
logo
Analog Power
AM3402N ANALOGPOWER-AM3402N Datasheet
245Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
logo
Analog Power
AM3438NE ANALOGPOWER-AM3438NE Datasheet
256Kb / 5P
   N-Channel Logic Level MOSFET
logo
SeCoS Halbleitertechnol...
SMG2318N SECOS-SMG2318N_15 Datasheet
474Kb / 4P
   N-Channel Logic Level MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com