Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG5841SY Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG5841SY
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG5841SY Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SG5841SY Datasheet HTML 3Page - Fairchild Semiconductor SG5841SY Datasheet HTML 4Page - Fairchild Semiconductor SG5841SY Datasheet HTML 5Page - Fairchild Semiconductor SG5841SY Datasheet HTML 6Page - Fairchild Semiconductor SG5841SY Datasheet HTML 7Page - Fairchild Semiconductor SG5841SY Datasheet HTML 8Page - Fairchild Semiconductor SG5841SY Datasheet HTML 9Page - Fairchild Semiconductor SG5841SY Datasheet HTML 10Page - Fairchild Semiconductor SG5841SY Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG5841J • Rev. 1.3.3
7
Electrical Characteristics (Continued)
VDD = 15V, TA = 25°C, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Current-Sense Section
ZSENSE
Input Impedance
12
KΩ
VSTHFL
Current Limit Flatten
Threshold Voltage
0.85
0.90
0.95
V
VSTHVA
Current Limit Valley
Threshold Voltage
VSTHFL–VSTHVA
0.22
V
tPD
Propagation Delay to
GATE Output
RI=26KΩ
150
200
ns
tLEB
Leading-Edge Blanking
Time
RI=26KΩ
200
270
350
ns
GATE Section
DCYMAX Maximum Duty Cycle
60
65
70
%
VGATE-L
Output Voltage Low
VDD=15V, IO=50mA
1.5
V
VGATE-H
Output Voltage High
VDD=12.5V, IO=50mA
7.5
V
tr
Rising Time
VDD=15V, CL=1nF
150
250
350
ns
tf
Falling Time
VDD=15V, CL=1nF
30
50
90
ns
IO
Peak Output Current
VDD=15V, GATE=6V
230
mA
VGATE-
CLAMP
Gate Output Clamping
Voltage
VDD=24.7V
18
19
V
RT Section
IRT
Output Current of RT Pin
RI=26KΩ
92
100
108
µA
VRTTH
Trigger Voltage for Over-
Temperature Protection
0.585
0.620
0.655
V
VRT-RLS
OTP Release Voltage
VRTTH +0.03
V
tD-OTP
Over-Temperature
Debounce
RI=26KΩ
60
100
140
µs


Similar Part No. - SG5841SY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG5841SZ FAIRCHILD-SG5841SZ Datasheet
495Kb / 14P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG5841SY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com