Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS10L60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS10L60
Description  POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS10L60 Datasheet(HTML) 2 Page - STMicroelectronics

  STPS10L60 Datasheet HTML 1Page - STMicroelectronics STPS10L60 Datasheet HTML 2Page - STMicroelectronics STPS10L60 Datasheet HTML 3Page - STMicroelectronics STPS10L60 Datasheet HTML 4Page - STMicroelectronics STPS10L60 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS10L60CF/CFP
2/5
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
220
µA
Tj = 125°C
45
60
mA
VF *
Forward voltage drop
Tj = 25
°CIF =5 A
0.55
V
Tj = 125°C
IF =5 A
0.43
0.52
Tj=25
°CIF =10 A
0.67
Tj = 125°C
IF =10 A
0.55
0.64
Pulse test : * tp = 380 µs,
δ <2%
To evaluate the conduction losses use the following equation :
P = 0.4x IF(AV) + 0.024 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case ISOWATT220AB TO-220FPAB
Per Diode
Total
4.5
3.5
°C/W
Rth (c)
Coupling
2.5
°C/W
THERMAL RESISTANCE
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PF(av)(W)
IF(av) (A)
T
δ=tp/T
tp
δ = 0.05
δ = 1
δ = 0.1
δ = 0.2
δ = 0.5
Fig. 1: Average forward power dissipation versus
average forward current (per diode).
0
25
50
75
100
125
150
0
1
2
3
4
5
6
IF(av)(A)
T
δ=tp/T
tp
Rth(j-a)=15°C/W
Rth(j-a)=Rth(j-c)
Tamb(°C)
Fig.
2:
Average
current
versus
ambient
temperature (
δ=0.5) (per diode).


Similar Part No. - STPS10L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10L60 STMICROELECTRONICS-STPS10L60 Datasheet
72Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS10L60CFP STMICROELECTRONICS-STPS10L60CFP Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS10L60CG STMICROELECTRONICS-STPS10L60CG Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS10L60CG-TR STMICROELECTRONICS-STPS10L60CG-TR Datasheet
122Kb / 8P
   Power Schottky rectifier
More results

Similar Description - STPS10L60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
   POWER SCHOTTKY RECTIFIER
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
   POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
   Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
   Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
   Power Schottky Rectifier
logo
STMicroelectronics
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
   Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
   POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
   POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
   Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
   Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
   Power Schottky rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com