Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB23BQX Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSUSB23BQX
Description  High-Speed, USB2.0 (480Mbps) Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB23BQX Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSUSB23BQX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 9Page - Fairchild Semiconductor FSUSB23BQX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB23 • Rev. 1.0.1
9
Physical Dimensions
Figure 16. 16-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN) Package
Note: click here for tape and reel specifcations, available at:
http://www.fairchildsemi.com/products/analog/packaging/MLP16_25x35.html
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/


Similar Part No. - FSUSB23BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23BQX FAIRCHILD-FSUSB23BQX Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB23BQX

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MSI2001 MGCHIP-MSI2001 Datasheet
393Kb / 12P
   USB2.0 High-Speed (480Mbps) Analog Switch
logo
Protek Devices
PAM23LOPR42 PROTEC-PAM23LOPR42_15 Datasheet
295Kb / 6P
   USB2.0(480MBPS)SWITCH
logo
Fairchild Semiconductor
FSA831 FAIRCHILD-FSA831 Datasheet
306Kb / 3P
   USB2.0 High-Speed (480Mbps) Charger Detection with Isolation Switch
FSUSB43 FAIRCHILD-FSUSB43 Datasheet
248Kb / 2P
   Low-Power, Two-Port, High-Speed, USB2.0 (480Mbps) Switch
logo
Protek Devices
PAUSB42 PROTEC-PAUSB42 Datasheet
164Kb / 6P
   LoPro??DPDT USB2.0 (480Mbps) Switch
logo
Pericom Semiconductor C...
PI3USB42 PERICOM-PI3USB42 Datasheet
496Kb / 7P
   USB2.0 High-Speed (480Mbps) Signal Switch With Vbus Short Protection
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com