Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1216NY Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSEZ1216NY
Description  Primary-Side-Regulation PWM Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1216NY Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSEZ1216NY Datasheet HTML 1Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 2Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 3Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 4Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 5Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1216NY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1216 • Rev. 1.0.0
FSEZ1216 — Primary-Side-Regulation PWM Integrated
Power MOSFET
Features
Constant-Voltage (CV) and Constant-Current (CC)
Control without Secondary-Feedback Circuitry
Green-Mode Function: PWM Frequency Linearly
Decreasing
Fixed PWM Frequency at 42kHz with Frequency
Hopping to Solve EMI Problem
Cable Compensation in CV Mode
Low Startup Current: 10μA
Low Operating Current: 3.5mA
Peak-Current-Mode Control in CV Mode
Cycle-by-Cycle Current Limiting
VDD Over-Voltage Protection with Auto-Restart
VDD Under-Voltage Lockout (UVLO)
Fixed Over-Temperature Protection with Latch
DIP-8 Package Available
Applications
Battery chargers for cellular phones, cordless
phones, PDA, digital cameras, power tools
Replaces linear transformer and RCC SMPS
Description
This highly integrated PWM controller, FSEZ1216,
provides several features to enhance the performance
of low-power flyback converters. The proprietary
topology of FSEZ1216 enables simplified circuit design
for battery charger applications. A low-cost, smaller, and
lighter charger results when compared to a conventional
design or a linear transformer. The startup current is
only 10µA, which allows use of large startup resistance
for further power saving.
To minimize the standby power consumption, the
proprietary green-mode function provides off-time
modulation to linearly decrease PWM frequency under
light-load conditions. This green-mode function assists
the power supply in meeting power conservation
requirements.
Using FSEZ1216, a charger can be implemented with
few external components and minimized cost. A typical
output CV/CC characteristic is shown in Figure 1.
FSEZ1216 controller is available in an 8-pin DIP package.
Figure 1.
Typical Output V-I Characteristic
Ordering Information
Part Number
Operating
Temperature Range
Eco
Status
Package
Packing
Method
FSEZ1216NY
-40°C to +105°C
Green
8-Lead, Dual Inline Package (DIP-8)
Tube
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - FSEZ1216NY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216NY FAIRCHILD-FSEZ1216NY Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results

Similar Description - FSEZ1216NY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com