Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSEZ1216 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSEZ1216
Description  Primary-Side-Regulation PWM Integrated Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSEZ1216 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSEZ1216 Datasheet HTML 6Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 7Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 8Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 9Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 10Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 11Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 12Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 13Page - Fairchild Semiconductor FSEZ1216 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSEZ1216 • Rev. 1.0.0
11
Functional Description (Continued)
Under-Voltage Lockout (UVLO)
The turn-on and turn-off thresholds of the FSEZ1216
are fixed internally at 16V and 5V. During startup, the
hold-up capacitor must be charged to 16V through the
startup resistor to enable the FSEZ1216. The hold-up
capacitor continues to supply VDD until power can be
delivered from the auxiliary winding of the main
transformer. VDD must not drop below 5V during startup.
The UVLO hysteresis window ensures the hold-up
capacitor is adequate to supply VDD during startup.
VDD Over-Voltage Protection (OVP)
VDD over-voltage protection prevents damage due to
over-voltage conditions. When the VDD voltage exceeds
28V due to abnormal conditions, PWM pulses are
disabled until the VDD voltage drops below the UVLO,
then starts again. Over-voltage conditions are usually
caused by open feedback loops.
Over-Temperature Protection (OTP)
The FSEZ1216 has a built-in temperature sensing
circuit to shut down PWM output once the junction
temperature exceeds 140°C. While PWM output is shut
down, the VDD voltage gradually drops to the UVLO
voltage. Some of the internal circuits are shut down and
VDD gradually starts increasing again. When VDD
reaches 16V, all the internal circuits, including the
temperature-sensing circuit, start operating normally. If
the junction temperature is still higher than 140°C, the
PWM controller shuts down immediately. This situation
continues until the temperature drop below 110°C.
Gate Output
The BiCMOS output stage is a fast totem-pole gate
driver. Cross conduction has been avoided to minimize
heat dissipation, increase efficiency, and enhance
reliability. The output driver is clamped by an internal
15V Zener diode to protect the internal power MOSFET
transistors against undesired over-voltage gate signals.
Built-in Slope Compensation
The sensed voltage across the current-sense resistor is
used for current-mode control and pulse-by-pulse
current limiting. Built-in slope compensation improves
stability and prevents sub-harmonic oscillations due to
peak-current-mode control. A synchronized, positively
sloped ramp is built-in at each switching cycle.
Noise Immunity
Noise from the current sense or the control signal can
cause significant pulse-width hopping, particularly in
continuous-conduction
mode.
While
slope
compensation helps alleviate these problems, further
precautions should still be taken. Good placement and
layout practices should be followed. Avoiding long PCB
traces and component leads, locating compensation
and filter components near the FSEZ1216.


Similar Part No. - FSEZ1216

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216 FAIRCHILD-FSEZ1216 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216BNY FAIRCHILD-FSEZ1216BNY Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216NY FAIRCHILD-FSEZ1216NY Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
More results

Similar Description - FSEZ1216

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSEZ1216 FAIRCHILD-FSEZ1216_09 Datasheet
825Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1016A ONSEMI-FSEZ1016A Datasheet
740Kb / 7P
   Primary-Side-Regulation PWM Integrated Power MOSFET
Rev. 1.0.3
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A_10 Datasheet
577Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1216B FAIRCHILD-FSEZ1216B Datasheet
646Kb / 15P
   Primary-Side-Regulation PWM Integrated Power MOSFET
logo
ON Semiconductor
FSEZ1317WA ONSEMI-FSEZ1317WA Datasheet
673Kb / 17P
   Primary-Side-Regulation PWM POWER MOSFET Integrated
Rev. 1.0.2
logo
Fairchild Semiconductor
FSEZ1016A FAIRCHILD-FSEZ1016A Datasheet
602Kb / 16P
   Primary-Side-Regulation PWM Integrated Power MOSFET
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
FSEZ1317 FAIRCHILD-FSEZ1317 Datasheet
963Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com