Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4159P6X Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSA4159P6X
Description  Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA4159P6X Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSA4159P6X Datasheet HTML 5Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 6Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 7Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 8Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 9Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 10Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 11Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 12Page - Fairchild Semiconductor FSA4159P6X Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA4159 • Rev. 1.0.4
9
Typical Performance Characteristics (Continued)
-90
-70
-50
-30
-10
01
10
100
Frequency (MHz)
Figure 9. Off Isolation (VCC=5.0V)
0.000
0.001
0.002
0.003
0.004
0.005
0.006
0.007
10
100
1000
10000
Frequency (MHz)
THD,VCC=1.8V
THD, VCC=5.0V
Figure 10. Total Harmonic Distortion, Frequency Response (CL=0pF)


Similar Part No. - FSA4159P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4159P6X FAIRCHILD-FSA4159P6X Datasheet
312Kb / 13P
   Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
logo
ON Semiconductor
FSA4159P6X ONSEMI-FSA4159P6X Datasheet
846Kb / 16P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
December 2013 Rev. 1.0.6
More results

Similar Description - FSA4159P6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA4159 FAIRCHILD-FSA4159 Datasheet
312Kb / 13P
   Low-Voltage, 1廓 SPDT Analog Switch with Power-Off Isolation
FSA839 FAIRCHILD-FSA839 Datasheet
569Kb / 10P
   Low-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
logo
ON Semiconductor
FSA4159 ONSEMI-FSA4159 Datasheet
846Kb / 16P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
December 2013 Rev. 1.0.6
FSA839 ONSEMI-FSA839 Datasheet
647Kb / 12P
   Low-Voltage, SPDT Analog Switch with Power-Off Isolation
October-2017, Rev . 2
logo
Fairchild Semiconductor
FSA859 FAIRCHILD-FSA859 Datasheet
571Kb / 10P
   Dual-Voltage, 0.8廓 SPDT Analog Switch with Power-Off Isolation
FSA1259 FAIRCHILD-FSA1259_09 Datasheet
883Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA1259 FAIRCHILD-FSA1259 Datasheet
586Kb / 11P
   Low-Voltage, 1廓 Dual SPST Analog Switch with Power-Off Isolation
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA2859 FAIRCHILD-FSA2859 Datasheet
852Kb / 10P
   Dual-Voltage, 0.8廓 DPDT Analog Switch with Power-Off Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com