Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SB3157 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # NC7SB3157
Description  Low-Voltage SPDT Analog Switch or 2:1Multiplexer / De-multiplexer Bus Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3157 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  NC7SB3157 Datasheet HTML 1Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.2
4
DC Electrical Characteristics
Notes:
3. Measured by the voltage drop between A and B pins at the indicated current through the switch. On resistance is
determined by the lower of the voltages on the two (A or B Ports).
4. Parameter is characterized, but not tested in production.
5.
ΔRON = RON max – RON minimum measured at identical VCC, temperature, and voltage levels.
6. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified
range of conditions.
7. Guaranteed by design.
Symbol
Parameter
Conditions
VCC (V)
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
VIH
High Level
Input Voltage
1.65 – 1.95 0.75 VCC
0.75 VCC
V
2.3 – 5.5
0.7 VCC
0.7 VCC
VIL
Low Level
Input Voltage
1.65 – 1.95
0.25 VCC
0.25 VCC
V
2.3 – 5.5
0.3 VCC
0.3 VCC
IIN
Input Leakage
Current
0
≤ VIN ≤ 5.5V
0 – 5.5
±0.05
±0.1
±1
µA
IOFF
Off State Leakage
Current
0
≤ A, B ≤ VCC
1.65 – 5.5
±0.05
±0.1
±1
µA
RON
Switch On
Resistance(3)
VIN = 0V, IO = 30mA
4.5
3.0
7.0
7.0
Ω
VIN = 2.4V, IO = –30mA
5.0
12.0
12.0
VIN = 4.5V, IO = –30mA
7.0
15.0
15.0
VIN = 0V, IO = 24mA
3.0
4.0
9.0
9.0
VIN = 3V, IO = –24mA
10.0
20.0
20.0
VIN = 0V, IO = 8mA
2.3
5.0
12.0
12.0
VIN = 2.3V, IO = –8mA
13.0
30.0
30.0
VIN = 0V, IO = 4mA
1.65
6.5
20.0
20.0
VIN = 1.65V, IO = –4mA
17.0
50.0
50.0
ICC
Quiescent Supply
Current;
All Channels On or
Off
VIN = VCC or GND IOUT = 0
5.5
1
10
µA
Analog Signal
Range
VCC
0VCC
0VCC
V
RRANGE
On Resistance Over
Signal Range (3, 7)
IA = –30mA, 0 ≤ VBn ≤ VCC
4.5
25.0
Ω
IA = –24mA, 0 ≤ VBn ≤ VCC
3.0
50.0
IA = –8mA, 0 ≤ VBn ≤ VCC
2.3
100
IA = –4mA, 0 ≤ VBn ≤ VCC
1.65
300
ΔRON
On Resistance
Match Between-
Channels(3, 4, 5)
IA = –30mA, VBn = 3.15
4.5
0.15
Ω
IA = –24mA, VBn 2.1
3.0
0.2
IA = –8mA, VBn = 1.6
2.3
0.5
IA = –4mA, VBn = 1.15
1.65
0.50
Rflat
On Resistance
Flatness(3, 4, 6)
IA = –30mA, 0 ≤ VBn ≤ VCC
5.0
6.0
Ω
IA = –24mA, 0 ≤ VBn ≤ VCC
3.3
12.0
IA = –8mA, 0 ≤ VBn ≤ VCC
2.5
28.0
IA = –4mA, 0 ≤ VBn ≤ VCC
1.8
125


Similar Part No. - NC7SB3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SB3157 FAIRCHILD-NC7SB3157 Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
logo
ON Semiconductor
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SB3157L6X FAIRCHILD-NC7SB3157L6X Datasheet
548Kb / 14P
   TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
NC7SB3157L6X FAIRCHILD-NC7SB3157L6X Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3157L6X ONSEMI-NC7SB3157L6X Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
More results

Similar Description - NC7SB3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SB3157 ONSEMI-NC7SB3157 Datasheet
1Mb / 11P
   Low-Voltage SPDT Analog Switch or 2:1Multiplexer De-multiplexer Bus Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
NC7SBU3157 FAIRCHILD-NC7SBU3157_08 Datasheet
845Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
logo
ON Semiconductor
NC7SBU3157 ONSEMI-NC7SBU3157 Datasheet
522Kb / 12P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
June 2009 Rev. 1.0.5
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
logo
Vishay Siliconix
DG3157 VISHAY-DG3157 Datasheet
82Kb / 6P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. A, 15-Dec-03
DG3157 VISHAY-DG3157_08 Datasheet
103Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch (2:1 Multiplexer/Demultiplexer Bus Switch)
Rev. C, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com