Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRE1113GR Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QRE1113GR
Description  SMT Reflective Object Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QRE1113GR Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QRE1113GR Datasheet HTML 1Page - Fairchild Semiconductor QRE1113GR Datasheet HTML 2Page - Fairchild Semiconductor QRE1113GR Datasheet HTML 3Page - Fairchild Semiconductor QRE1113GR Datasheet HTML 4Page - Fairchild Semiconductor QRE1113GR Datasheet HTML 5Page - Fairchild Semiconductor QRE1113GR Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
QRE1113GR Rev. 1.2.0
January 2008
QRE1113GR
SMT Reflective Object Sensor
Features
Phototransistor output
Tape and reel packaging
No contact surface sensing
Miniature package
Lead form style: Gull Wing
Package Dimensions
2.90
2.50
3.60
0.94
3.20
1.80
0.60
1.00
CL
CL
0.40
0.94
1.70
1.50
4.80
4.40
1.10
0.90
1
2
4
3
PIN 1 ANODE
PIN 3
COLLECTOR
PIN 2 CATHODE
PIN 4 EMITTER
0.61 Nom.
(4x)
30
°
Notes:
1. Dimensions for all drawings are in millimeters.
2. Tolerance of ±0.15mm on all non-nominal dimensions
12
3
4
Schematic


Similar Part No. - QRE1113GR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
QRE1113GR ONSEMI-QRE1113GR Datasheet
332Kb / 9P
   Miniature Reflective Object Sensor
February, 2020 ??Rev. 7
More results

Similar Description - QRE1113GR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com