Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2467UMX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSA2467UMX
Description  0.4廓 Low-Voltage Dual DPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2467UMX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSA2467UMX Datasheet HTML 1Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 2Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 3Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 4Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 5Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 6Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 7Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 8Page - Fairchild Semiconductor FSA2467UMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.5
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
4.6
V
VS
Switch Voltage
-0.5
VCC+0.3
V
VIN
Input Voltage
-0.5
4.6
V
IIK
Input Diode Current
-50
mA
ISW
Switch Current
350
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms duration, <10%
Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
ºC
TJ
Junction Temperature
+150
ºC
TL
Lead Temperature, Soldering 10 Seconds
+260
ºC
ESD
Human Body Model
5.5
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.65
4.30
V
VIN
Control Input Voltage
(1)
0
VCC
V
VIN
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
ºC
Note
1.
Unused inputs must be held HIGH or LOW. They may not float.


Similar Part No. - FSA2467UMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA2467UMX ONSEMI-FSA2467UMX Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Fairchild Semiconductor
FSA2467UMX FAIRCHILD-FSA2467UMX_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
More results

Similar Description - FSA2467UMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
   Low-Voltage SPST 0.4廓 Analog Switch
FSA5157 FAIRCHILD-FSA5157_07 Datasheet
479Kb / 14P
   0.4廓 Low Voltage SPDT Analog Switch
FSA5157 FAIRCHILD-FSA5157_08 Datasheet
548Kb / 12P
   0.4廓 Low-Voltage SPDT Analog Switch
logo
SG Micro Corp
SGM44600 SGMICRO-SGM44600 Datasheet
404Kb / 10P
   4廓, High Speed, Low Voltage Dual, DPDT Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2268 FAIRCHILD-FSA2268_08 Datasheet
728Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with 16kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com