Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA1256 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSA1256
Description  Low-RON Low-Voltage, Dual SPST Analog Switch with Low-ICCT ?쏛??Option
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA1256 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA1256 Datasheet HTML 1Page - Fairchild Semiconductor FSA1256 Datasheet HTML 2Page - Fairchild Semiconductor FSA1256 Datasheet HTML 3Page - Fairchild Semiconductor FSA1256 Datasheet HTML 4Page - Fairchild Semiconductor FSA1256 Datasheet HTML 5Page - Fairchild Semiconductor FSA1256 Datasheet HTML 6Page - Fairchild Semiconductor FSA1256 Datasheet HTML 7Page - Fairchild Semiconductor FSA1256 Datasheet HTML 8Page - Fairchild Semiconductor FSA1256 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 2008
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA1256(A) / FSA1257(A) / FSA1258(A) Rev. 1.0.5
FSA1256(A) / FSA1257(A) / FSA1258(A)
Low-RON Low-Voltage, Dual SPST Analog Switch with
Low-ICCT “A” Option
Features
FSA1256A, FSA1257A, FSA1258A feature low ICCT
when S Input is lower than VCC
Maximum 1.1
Ω On Resistance (RON) for 4.5V
supply
0.4
Ω max RON flatness for 4.5V supply
Space saving Pb-Free MicroPak™ packaging
Broad VCC operating range:
FSA1256, FSA1257, FSA1258: 1.65V to 5.5V
FSA1256A, FSA1257A, FSA1258A: 2.7V to 5.5V
Fast turn-on and turn-off time
FSA1258, FSA1258A feature break-before-make
enable circuitry
Over-voltage tolerant TTL compatible control input
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-Top Box
Description
The FSA1256, FSA1256A, FSA1257, FSA1257A,
FSA1258, and FSA1258A are high performance dual
Single Pole/Single Throw (SPST) analog switches. All
devices feature ultra low RON of 1.1Ω maximum at 4.5V
VCC. The FSA1256, FSA1257, and FSA1258 operate
over a wide VCC range of 1.65V to 5.5V. The FSA1256A,
FSA1257A, and FSA1258A operation range is 2.7V to
5.5V. These devices are fabricated with sub-micron
CMOS technology to achieve fast switching speeds and
are designed for break-before-make operation. The
select input is TTL level compatible. The FSA1256 and
FSA1256A feature two Normally Open (NO) switches.
The FSA1257 and FSA1257A feature two Normally
Closed (NC) switches. The FSA1258 and FSA1258A
have one NO switch and one NC switch.
IMPORTANT NOTE:
For additional performance information, please contact
analogswitch@fairchildsemi.com.
Ordering Information
Part Number
Top Mark
Package Description
Packing Method
FSA1256L8X
EB
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
FSA1256AL8X
FN
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
FSA1257L8X
EC
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
FSA1257AL8X
FP
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
FSA1258L8X
ED
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
FSA1258AL8X
FS
8-Lead, MicroPak™, 1.6mm Wide
5000 Units Tape and Reel
All packages are lead free per JEDEC: J-STD-020B standard.
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.


Similar Part No. - FSA1256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
FSA1256 FAIRCHILD-FSA1256 Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
logo
ON Semiconductor
FSA1256 ONSEMI-FSA1256 Datasheet
572Kb / 12P
   Low-Voltage, Dual SPST Analog Switch
November 2013 Rev. 1.0.9
logo
Fairchild Semiconductor
FSA1256A FAIRCHILD-FSA1256A Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
More results

Similar Description - FSA1256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA1256_0504 FAIRCHILD-FSA1256_0504 Datasheet
614Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A Datasheet
618Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ?쏛??Option
FSA1256A FAIRCHILD-FSA1256A_11 Datasheet
460Kb / 10P
   Low-RON Low-Voltage, Dual SPDT Analog Switch with Low-ICCT ?쏛??Option
logo
Vishay Siliconix
DG2037 VISHAY-DG2037 Datasheet
72Kb / 7P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG2037 VISHAY-DG2037_08 Datasheet
113Kb / 8P
   Low-Voltage, Low rON, Dual SPST Analog Switch
Rev. B, 21-May-07
logo
Fairchild Semiconductor
FSA1256 FAIRCHILD-FSA1256 Datasheet
592Kb / 9P
   Low RON Low Voltage Dual SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2741 VISHAY-DG2741_V01 Datasheet
137Kb / 10P
   Low-Voltage, 0.8 ??RON, Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com