Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6846A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6846A
Description  Highly Integrated Green-Mode PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6846A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6846A Datasheet HTML 1Page - Fairchild Semiconductor SG6846A Datasheet HTML 2Page - Fairchild Semiconductor SG6846A Datasheet HTML 3Page - Fairchild Semiconductor SG6846A Datasheet HTML 4Page - Fairchild Semiconductor SG6846A Datasheet HTML 5Page - Fairchild Semiconductor SG6846A Datasheet HTML 6Page - Fairchild Semiconductor SG6846A Datasheet HTML 7Page - Fairchild Semiconductor SG6846A Datasheet HTML 8Page - Fairchild Semiconductor SG6846A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2008
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6846A • Rev. 1.1.4
SG6846A
Highly Integrated Green-Mode PWM Controller
Features
Low Startup Current: 8µA
Low Operating Current: 3.7mA
Peak-Current Mode of Operation with Cycle-by-
Cycle Current Limiting
PWM Frequency Continuously Decreasing with
Burst Mode at Light Loads
VDD Over-Voltage Protection (OVP)
AC Input Brownout Protection with Hysteresis
Constant Output Power Limit (Full AC Input Range)
Internal Latch Circuit for OVP, OTP, and OCP
Two-level OCP Delay: 1600ms
Output Short-Circuited Delay Time: 100ms
Programmable PWM Frequency with
Frequency Hopping
OCP Threshold is Half Peak Current Limit
Feedback Open-loop Protection with 1700ms Delay
Built-in Soft-Start
Applications
General-purpose switch-mode power supplies and
flyback power converters, including:
Power Adapters
Open-frame SMPS
SMPS with Surge-current Output, such as for
Printers, Scanners, Motor Drivers
Description
The SG6846A is especially designed for SMPS with
surge-current output, incorporated with a two-level OCP
function. Besides the cycle-by-cycle current limiting, if
the switching current is higher than two thirds the peak-
current threshold for 1700ms, over-current protection is
activated such that the SG6846A is latched off.
If the switching current is higher than two thirds of the
peak-current threshold for 100ms, and the voltage on
the VDD is still higher than VDD-OFF + 1V, the PWM
pulses are latched off immediately once the VDD voltage
is lower than VDD-OFF + 1V. This is useful when an
output short circuit occurs.
SG6846A also integrates a frequency-hopping function
internally to reduce EMI emission of a power supply
with minimum line filters. Its built-in synchronized slope
compensation
provides
proprietary
internal
compensation for constant output power limit over
universal AC input range. Also, the gate output is
clamped at 18V to protect the external MOSFET from
over-voltage damage. Internal soft-start is built-in to
soften the stress on the MOSFET and startup current
during power on period.
Other protection functions include AC input brownout
protection with hysteresis, VDD over-voltage protection,
and over-temperature protection. For over-temperature
protection, an external NTC thermistor can be applied to
sense the ambient temperature. When OCP, VDD OVP,
or OTP is activated, an internal latch circuit latches off
the controller. The PWM pulses stay latched off until the
power supply is disconnected from the mains outlet.
SG6846A controller is available in 8-pin SOP package.
Ordering Information
Part
Number
Operating
Temperature Range
OCP
Latch
Eco
Status
Package
Packing
Method
SG6846ALSY
-40 to +105°C
Yes
Green
8-Pin Small Outline Package (SOP)
Tape & Reel
SG6846ACSY
-40 to +105°C
No
Green
8-Pin Small Outline Package (SOP)
Tape & Reel
SG6846ALSZ
-40 to +105°C
Yes
RoHS
8-Pin Small Outline Package (SOP)
Tape & Reel
For Fairchild’s definition of “green” Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.


Similar Part No. - SG6846A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A Datasheet
343Kb / 8P
   Control a Flyback Power Supply with Surge Current Output
SG6846ACSZ FAIRCHILD-SG6846ACSZ Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6846ALSZ FAIRCHILD-SG6846ALSZ Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6846A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com