Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6742SZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SG6742SZ
Description  Highly Integrated Green-Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6742SZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SG6742SZ Datasheet HTML 1Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 2Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 3Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 4Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 5Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 6Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 7Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 8Page - Fairchild Semiconductor SG6742SZ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Product Specification
Highly Integrated Green-Mode PWM Controller
SG6742
© System General Corp.
- 1 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.0.1 (IAO33.0083.B0)
September 24, 2007
FEATURES
High-voltage start-up
Low operating current (4mA)
Linearly decreasing PWM frequency to 22KHz
Frequency jittering to reduce EMI emission
Fixed PWM frequency (65KHz)
Peak-current-mode control
Cycle-by-cycle current limiting
Leading-edge blanking
Synchronized slope compensation
Internal open-loop protection
GATE output maximum voltage clamp (18V)
VDD under-voltage lockout (UVLO)
VDD over voltage protection (OVP)
Programmable over-temperature protection (RT)
Internal latch circuit (OVP, RT)
Constant power limit (full AC input range)
Internal OTP sensor with hysteresis
APPLICATIONS
General-purpose switch-mode power supplies and
flyback power converters, including:
Power Adapters
Open-Frame SMPS
DESCRIPTION
The highly integrated SG6742 series of PWM controllers
provides several features to enhance the performance of
flyback converters.
To minimize standby power consumption, a proprietary
green-mode function provides off-time modulation to
linearly decrease the switching frequency at light-load
conditions. To avoid acoustic noise problems, the
minimum PWM frequency is set above 22KHz. This
green-mode function enables the power supply to meet
international power conservation requirements. With the
internal high-voltage start-up circuitry, the power loss due
to bleeding resistors is eliminated. To further reduce power
consumption, SG6742 is manufactured using the BiCMOS
process, which allows an operating current of 4mA.
SG6742 integrates a frequency a hopping function that
helps reduce EMI emission of a power supply with
minimum line filters. Also, its built-in synchronized slope
compensation achieves stable peak-current-mode control.
The proprietary internal line compensation ensures
constant output power limit over a wide AC input voltages,
from 90VAC to 264VAC.
SG6742 provides many protection functions. In addition
to cycle-by-cycle current limiting, the internal open-loop
protection circuit ensures safety should an open-loop or
output short-circuit failure occur. PWM output is disabled
until VDD drops below the UVLO lower limit when the
controller starts up again. As long as VDD exceeds about
26V, the internal OVP circuit is triggered.
SG6742 is available in an 8-pin DIP or SOP package.
TYPICAL APPLICATION


Similar Part No. - SG6742SZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6742 FAIRCHILD-SG6742 Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
SG6742 FAIRCHILD-SG6742 Datasheet
470Kb / 9P
   Design Guideline to Replace SG6742 with FAN6754A
SG6742HL FAIRCHILD-SG6742HL Datasheet
712Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6742HL FAIRCHILD-SG6742HL Datasheet
325Kb / 8P
   Highly Integrated Green-Mode PWM Controller
SG6742HL/HR FAIRCHILD-SG6742HL/HR Datasheet
712Kb / 13P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - SG6742SZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com