Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6510D1 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SG6510D1
Description  PC Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6510D1 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  SG6510D1 Datasheet HTML 1Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 2Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 3Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 4Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 5Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 6Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 7Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 8Page - Fairchild Semiconductor SG6510D1 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Product Specification
PC Power Supply Super Visors
SG6510X1
© System General Corp.
- 7 -
www.sg.com.tw • www.fairchildsemi.com
Version 1.1.0 (IRO33.0025.B1)
September 27, 2007
Under-voltage and PGI, PGO
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VPGI
Input Threshold Voltage PGI
1.15
1.2
1.25
V
Under-voltage Sense VS33
2.6
2.8
3.0
VUVS
Under-voltage Sense VS5
4.0
4.2
4.4
V
Under-voltage Protection VS33
2.3
2.5
2.7
VUVP
Under-voltage Protection VS5
3.4
3.6
3.8
V
TUVS
Timing UVS to Sense (PG)
0.6
1
1.5
mS
TUVP
Timing UVP to Protection (FPO)
1.3
2
3
mS
ILKG
Leakage Current (PGO)
PGO = 5V
5
uA
VOL
Low Level Output Voltage (PGO)
VDD = 12V
Isink 10mA
0.7
V
Under-voltage Enable Delay Time
49
75
114
mS
Timing PG Delay
PGI to PGO
200
300
450
mS
TPG
Noise Deglitch Time
PGI to PGO
200
350
450
uS
PSON Control
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IPSON
Input Pull-up Current
PSON = 0V
100
160
220
uA
VIH
High-level Input Voltage
2.4
1.85
V
VIL
Low-level Input Voltage
1.35
1.2
V
TPSON
Timing PSON to On/Off
On
Off
24
24
38
38
57
57
mS
TPSOFF
Timing PG Low to Power Off
1.6
2.8
4.5
mS
Total Device
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IDD
Supply Current
PSON = 5V /VDD = 5V
0.7
1.5
mA


Similar Part No. - SG6510D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6510D1 ETC1-SG6510D1 Datasheet
237Kb / 10P
   PC Power Supply Supervisors
More results

Similar Description - SG6510D1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com