Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN224ACGFX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FIN224ACGFX
Description  22-Bit Bi-Directional Serializer/Deserializer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224ACGFX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FIN224ACGFX Datasheet HTML 1Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 2Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 3Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 4Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 5Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 6Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 7Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 8Page - Fairchild Semiconductor FIN224ACGFX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224AC Rev.1.1.5
4
Connection Diagrams
Figure 3. Terminal Assignments for µBGA
(Top View)
Figure 4. Terminal Assignments for µBGA
(Top View)
1
2
3
4
5
6
7
8
9
10
DP[9]
DP[10]
DP[11]
DP[12]
VDDP
CKP
DP[13]
DP[14]
DP[15]
DP[16]
30
29
28
27
26
25
24
23
22
21
DIRO
CKSO+
CKSO-
DSO+
DSO-
CKSI-
CKSI+
DIRI
S2
VDDS
42 MBGA Package
3.5mm x 4.5mm
(.5mm Pitcth)
(Top View)
1
2
3
4
5
6
A
B
C
D
E
F
G
Pin Assignments
1
234
5
6
A
DP[9]
DP[7]
DP[5]
DP[3]
DP[1]
CKREF
B
DP[11]
DP[10]
DP[6]
DP[2]
STROBE
DIRO
C
CKP
DP[12]
DP[8]
DP[4]
CKSO+
CKSO-
D
DP[13]
DP[14]
VDDP
GND
DSO-/DSI+ DSO+/DSI-
E
DP[15]
DP[16]
GND
VDDS
CKSI+
CKSI-
F
DP[17]
DP[18]
DP[21]
VDDA
S2
DIRI
G
DP[19]
DP[20]
DP[22]
DP[23]
DP[24]
S1


Similar Part No. - FIN224ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Similar Description - FIN224ACGFX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com