Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN324C Datasheet(PDF) 17 Page - Fairchild Semiconductor

Part # FIN324C
Description  24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN324C Datasheet(HTML) 17 Page - Fairchild Semiconductor

Back Button FIN324C_08 Datasheet HTML 11Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 12Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 13Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 14Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 15Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 16Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 17Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 18Page - Fairchild Semiconductor FIN324C_08 Datasheet HTML 19Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN324C Rev. 1.1.2
17
Physical Dimensions
NOTES:
A. CONFORMS TO JEDEC REGISTRATION MO-220, VARIATION
WJJD-2 WITH EXCEPTION THAT THIS IS A SAWN VERSION..
B. DIMENSIONS ARE IN MILLIMETERS.
C. DIMENSIONS AND TOLERANCES PER ASME Y14.5M-1994.
D. LAND PATTERN PER IPC SM-782.
E. WIDTH REDUCED TO AVOID SOLDER BRIDGING.
F. DIMENSIONS ARE NOT INCLUSIVE OF BURRS, MOLD FLASH, OR
TIE BAR PROTRUSIONS.
G. DRAWING FILENAME: MKT-MLP40Arev3.
6.00
6.00
0.80 MAX
0.10 C
SEATING
PLANE
0.08 C 0.05
0.00
(0.20)
C
0.15 C
0.15 C
PIN #1 IDENT
0.50
4.20
4.00
0.50
0.30
4.20
4.00
0.50
0.10
CA B
0.05
C
0.18-0.30
A
B
6.38MIN
0.20MIN
4.77MIN
4.37MAX
0.28 MAX
0.50TYP
(0.80)
X4
X40
E
(DATUM A)
(DATUM B)
PIN #1 ID
Figure 20.
40-Lead, Molded Leadless Package (MLP)
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions,
specifically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FIN324C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324CGFX FAIRCHILD-FIN324CGFX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN324CMLX FAIRCHILD-FIN324CMLX Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
More results

Similar Description - FIN324C_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN210AC FAIRCHILD-FIN210AC Datasheet
673Kb / 17P
   10-Bit Serializer / Deserializer Supporting Cameras and Small Displays up to 48MHz
FIN424C FAIRCHILD-FIN424C Datasheet
327Kb / 10P
   20-Bit Ultra-Low-Power Serializer / Deserializer for 關Controller and RGB Displays
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
Vitesse Semiconductor C...
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
   Dual Speed 10-bit Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com