Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6670AS Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDS6670AS
Description  30V N-Channel PowerTrench짰 SyncFET?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670AS Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS6670AS Datasheet HTML 1Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 2Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 3Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 4Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 5Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 6Page - Fairchild Semiconductor FDS6670AS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS6670AS Rev A
2 (X)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain–Source Diode Characteristics and Maximum Ratings
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.5 A
(Note 2)
VGS = 0 V,
IS = 7 A
(Note 2)
0.5
0.6
0.7
V
trr
Diode Reverse Recovery Time
20
nS
Qrr
Diode Reverse Recovery Charge
IF = 13.5A,
diF/dt = 300 A/µs
(Note 3)
15
nC
Notes: 1.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°C/W when
mounted on a 1 in
2
pad of 2 oz copper
b) 105°C/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. See “SyncFET Schottky body diode characteristics” below.


Similar Part No. - FDS6670AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
logo
Richtek Technology Corp...
FDS6670AS RICHTEK-FDS6670AS Datasheet
330Kb / 18P
   6A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
VBsemi Electronics Co.,...
FDS6670AS-NL VBSEMI-FDS6670AS-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6670AS FAIRCHILD-FDS6670AS_10 Datasheet
300Kb / 7P
   30V N-Channel PowerTrench SyncFET?
FDS6670AS_NL FAIRCHILD-FDS6670AS_NL Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDS6670AS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6299S FAIRCHILD-FDS6299S_07 Datasheet
603Kb / 6P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6688AS FAIRCHILD-FDS6688AS Datasheet
789Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS FAIRCHILD-FDS6676AS_08 Datasheet
846Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6690AS FAIRCHILD-FDS6690AS_08 Datasheet
759Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDP6670AS FAIRCHILD-FDP6670AS_08 Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDD6680AS FAIRCHILD-FDD6680AS_08 Datasheet
332Kb / 8P
   30V N-Channel PowerTrench짰 SyncFET?
FDS6676AS_0511 FAIRCHILD-FDS6676AS_0511 Datasheet
1Mb / 8P
   30V N-Channel PowerTrench짰 SyncFET
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8672AS FAIRCHILD-FDMS8672AS Datasheet
243Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 28A, 5.0m廓
FDMS8660AS FAIRCHILD-FDMS8660AS Datasheet
235Kb / 8P
   N-Channel PowerTrench짰 SyncFET 30V, 49A, 2.1m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com