Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA1029PZ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDMA1029PZ
Description  Dual P-Channel PowerTrench짰 MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1029PZ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDMA1029PZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 6Page - Fairchild Semiconductor FDMA1029PZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDMA1029PZ Rev B2 (W)
Typical Characteristics
0
1
2
3
4
5
6
0
0.4
0.8
1.2
1.6
2
-VDS, DRAIN-SOURCE VOLTAGE (V)
3.0V
2.5V
3.5V
VGS =
45V
2.0V
1.5V
0.6
1
1.4
1.8
2.2
2.6
0123456
-ID, DRAIN CURRENT (A)
VGS = -2.0V
-3.5V
-4.5V
-3.0V
-2.5V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (oC)
ID = -3.1A
VGS = -4.5V
0.04
0.08
0.12
0.16
0.2
024
68
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.55A
TA = 125oC
TA = 25oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
6
00.5
11.5
22.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125oC
25oC
-55oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Similar Part No. - FDMA1029PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
More results

Similar Description - FDMA1029PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1025P FAIRCHILD-FDMA1025P_08 Datasheet
1Mb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDS9958 FAIRCHILD-FDS9958 Datasheet
261Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDS9958F085 FAIRCHILD-FDS9958F085 Datasheet
555Kb / 6P
   Dual P-Channel PowerTrench짰 MOSFET
FDMJ1023PZ FAIRCHILD-FDMJ1023PZ Datasheet
290Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1027P FAIRCHILD-FDMA1027P_08 Datasheet
863Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDD8424H FAIRCHILD-FDD8424H Datasheet
638Kb / 12P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDS8960C_0511 FAIRCHILD-FDS8960C_0511 Datasheet
157Kb / 8P
   Dual N & P-Channel PowerTrench짰 MOSFET
FDME910PZT FAIRCHILD-FDME910PZT Datasheet
271Kb / 7P
   P-Channel PowerTrench짰 MOSFET
FDS6675BZ FAIRCHILD-FDS6675BZ_08 Datasheet
457Kb / 6P
   P-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com