Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPC0310BTI3 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STPC0310BTI3
Description  PC Compatible Embeded Microprocessor
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC0310BTI3 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STPC0310BTI3 Datasheet HTML 29Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 30Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 31Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 32Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 33Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 34Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 35Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 36Page - STMicroelectronics STPC0310BTI3 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
ELECTRICAL SPECIFICATIONS
33/51
Issue 1.2
4.5.1 AC Timing parameters
Table 4-4. PCI Bus AC Timing
Name
Parameter
Min
Max
Unit
t1
PCI_CLKI to AD[31:0] valid
2
11
ns
t2
PCI_CLKI to FRAME# valid
2
11
ns
t3
PCI_CLKI to CBE#[3:0] valid
2
11
ns
t4
PCI_CLKI to PAR valid
2
11
ns
t5
PCI_CLKI to TRDY# valid
2
11
ns
T6
PCI_CLKI to IRDY# valid
2
11
ns
T7
PCI_CLKI to STOP# valid
2
11
ns
T8
PCI_CLKI to DEVSEL# valid
2
11
ns
T9
PCI_CLKI to PCI_GNT# valid
2
12
ns
t10
AD[31:0] bus setup to PCI_CLKI
7
ns
t11
AD[31:0] bus hold from PCI_CLKI
0
ns
t12
PCI_REQ#[2:0] setup to PCI_CLKI
7
ns
t13
PCI_REQ#[2:0] hold from PCI_CLKI
4
ns
t14
CBE#[3:0] setup to PCI_CLKI
7
ns
t15
CBE#[3:0] hold to PCI_CLKI
0
ns
t16
IRDY# setup to PCI_CLKI
7
ns
t17
IRDY# hold to PCI_CLKI
0
ns
t18
FRAME# setup to PCI_CLKI
7
ns
t19
FRAME# hold from PCI_CLKI
0
ns
Table 4-5. DRAM Bus AC Timing
Name
Parameter
Min
Max
Unit
t22
HCLK to RAS#[3:0] valid
19
ns
t23
HCLK to CAS#[7:0] bus valid
19
ns
t24
HCLK to MA[11:0] bus valid
19
ns
t25
HCLK to MWE# valid
17
ns
t26
HCLK to MD[63:0] bus valid
20
ns
t27
MD[63:0] Generic setup
13
ns
t28
GCLK2X to RAS#[3:0] valid
19
ns
t29
GCLK2X to CAS#[7:0] valid
19
ns
t30
GCLK2X to MA[11:0] bus valid
19
ns
t31
GCLK2X to MWE# valid
17
ns
t32
GCLK2X to MD[63:0] bus valid
20
ns
t33
MD[63:0] Generic hold
0
ns
Table 4-6. IDE Bus AC Timing
Name
Parameter
Min
Max
Unit
t20
DD[15:0] setup to PIOR#/SIOR# falling
15
ns
t21
DD[15:0} hold to PIOR#/SIOR# falling
0
ns


Similar Part No. - STPC0310BTI3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPC12 STMICROELECTRONICS-STPC12 Datasheet
1Mb / 111P
   X86 Core PC Compatible System-on-Chip for Terminals
Issue 1.0 - July 24, 2002
STPC12GDYC STMICROELECTRONICS-STPC12GDYC Datasheet
1Mb / 111P
   X86 Core PC Compatible System-on-Chip for Terminals
Issue 1.0 - July 24, 2002
STPC12GDYI STMICROELECTRONICS-STPC12GDYI Datasheet
1Mb / 111P
   X86 Core PC Compatible System-on-Chip for Terminals
Issue 1.0 - July 24, 2002
STPC12GEYC STMICROELECTRONICS-STPC12GEYC Datasheet
1Mb / 111P
   X86 Core PC Compatible System-on-Chip for Terminals
Issue 1.0 - July 24, 2002
STPC12GEYI STMICROELECTRONICS-STPC12GEYI Datasheet
1Mb / 111P
   X86 Core PC Compatible System-on-Chip for Terminals
Issue 1.0 - July 24, 2002
More results

Similar Description - STPC0310BTI3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-S STMICROELECTRONICS-STPCCONSUMER-S Datasheet
836Kb / 51P
   PC Compatible Embeded Microprocessor
29/10/99
STPCCLIENT STMICROELECTRONICS-STPCCLIENT Datasheet
762Kb / 48P
   PC Compatible Embedded Microprocessor
February 8, 2000
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
Intersil Corporation
ICM7244 INTERSIL-ICM7244 Datasheet
428Kb / 13P
   8-Character, Microprocessor Compatible, 8-Character, Microprocessor Compatible,
logo
National Semiconductor ...
TP3058 NSC-TP3058 Datasheet
433Kb / 11P
   MICROPROCESSOR COMPATIBLE COMBO-R
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
logo
National Semiconductor ...
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com