Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPP06R001 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FPP06R001
Description  75V/60A Synchronous Rectifier Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPP06R001 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FPP06R001 Datasheet HTML 1Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 2Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 3Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 4Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 5Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 6Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 7Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 8Page - Fairchild Semiconductor FPP06R001 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FPP06R001 Rev. A
tm
January 2008
Power-SPM
TM
FPP06R001
75V/60A Synchronous Rectifier Module
General Features
• Very High Rectification Efficiency at Output 12V
• Integrated Solution for Saving Board Space
• Improved Driving Capability with Prominent Internal Driver IC
• RoHS Compliant
Sync-Rectifier Switch Features
•RDS(ON) = 3.5mΩ(Typ.), VIN = 10V, ID = 40A
• Low Miller Charge
•Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
Driver IC Features
• 2.5A Max Current Driving Capability
• Low Propagation Delay Time
• Optimized for Increasing Driving Capability Using General
Low-Current Gate Driver with a Minimum Delay Time
General Description
The FPP06R001 is one product in the Power-SPMTM family that
Fairchild has newly developed and designed to be most suitable
for more compact and more efficient synchronous rectification
applications such as internet server power supplies and telecom
system power supplies. For higher efficiency, it includes built-in
very low RDS(ON) MOSFETs. In addition, it includes the superior
gate driver that supports higher driving capability to be more
suitable for these low RDS(ON) MOSFETs. This Power-SPM
device can be used in the secondary side of the PWM trans-
former of forward/bridge converter to provide high current rectifi-
cation at output voltages ranging from 12 Volts down to 5 Volts.
With this product, it is possible to design the secondary side of
power supply systems with reduced parasitic elements resulting
in minimized voltage spike and EMI noise.
Applications
• High Current Isolated Converter
• Distributed Power Architectures
EPM15 Package
1
15
Block Diagram
Buffer
D2
S2
D1
S1
IN1
VCC
IN2
VCC
14
12
3
4
5
7
6
8
9
10
15
11
12
13
IN2
Vcc
OUT2
COM
IN1
OUT1
AGND
Figure 1. FPP06R001 Module Block Diagram
Q1
Q2


Similar Part No. - FPP06R001

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FPP MSYSTEM-FPP Datasheet
115Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
FPP-01 SCHURTER-FPP-01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-02 SCHURTER-FPP-02 Datasheet
435Kb / 3P
   AC Filter for PCB Mounting in Flat Housing
More results

Similar Description - FPP06R001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD6M043N08 FAIRCHILD-FD6M043N08 Datasheet
649Kb / 9P
   75V/65A Synchronous Rectifier Module
FD6M045N06 FAIRCHILD-FD6M045N06 Datasheet
557Kb / 9P
   60V/60A Synchronous Rectifier Module
logo
MacMic
MMD60A MACMIC-MMD60A Datasheet
1Mb / 3P
   60A Rectifier Diode Module
MMD60A160U MACMIC-MMD60A160U Datasheet
205Kb / 3P
   60A Rectifier Diode Module
logo
Maxwell Technologies
BMOD0094 MAXWELL-BMOD0094 Datasheet
925Kb / 5P
   75V MODULE
logo
Microsemi Corporation
SRM4010 MICROSEMI-SRM4010 Datasheet
231Kb / 11P
   40A Synchronous Rectifier Module
logo
Astec America, Inc
AEH60F48 ASTEC-AEH60F48 Datasheet
389Kb / 21P
   Industry Standard Brick - 36-75V Input, 3.3V / 60A Output
logo
Monolithic Power System...
MP4569 MPS-MP4569 Datasheet
751Kb / 17P
   75V, 0.3A Synchronous Step-Down Converter
logo
Fairchild Semiconductor
FD6M033N06 FAIRCHILD-FD6M033N06 Datasheet
641Kb / 9P
   60V/73A Synchronous Rectifier Module
FD6M016N03 FAIRCHILD-FD6M016N03 Datasheet
894Kb / 9P
   30V/80A Synchronous Rectifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com