Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF15S60STU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFPF15S60STU
Description  15A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFPF15S60STU Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FFPF15S60S Rev. A
www.fairchildsemi.com
2
Electrical Characteristics T
C = 25
oC unless otherwise noted
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM1
IF = 15A
IF = 15A
TC = 25
oC
TC = 125
oC
-
-
2.1
1.6
2.6
-
V
IRM1
VR = 600V
VR = 600V
TC = 25
oC
TC = 125
oC
-
-
-
-
100
500
µA
trr
IF = 1A, di/dt = 100A/µs, VR = 30V
TC = 25
oC
-
21
30
ns
trr
Irr
S factor
Qrr
IF = 15A, di/dt = 200A/µs, VR = 390V
TC = 25
oC
-
-
-
-
23
2.5
0.7
29
35
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF = 15A, di/dt = 200A/µs, VR = 390V
TC = 125
oC
-
-
-
-
55
4.3
1.1
118
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy ( L = 40mH)
20
-
-
mJ
Test Circuit and Waveforms
Notes:
1: Pulse: Test Pulse width = 300
µs, Duty Cycle = 2%


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn