Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFPF08S60SN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FFPF08S60SN
Description  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFPF08S60SN Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFPF08S60SN Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
100
200
300
400
500
600
0.001
0.01
0.1
1
10
40
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
Reverse Voltage, V
R [V]
10
0
12345
0.1
1
10
20
T
C = 125
o
C
T
C = 75
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
0.1
1
10
100
0
10
20
30
40
50
Typical Capacitance
at 0V = 43 pF
Reverse Voltage, V
R
[V]
100
200
300
400
500
600
10
20
30
40
I
F
= 8A
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/μs]
100
200
300
400
500
600
0
2
4
6
8
10
I
F
= 8A
TC = 125
o
C
TC = 25
o
C
T
C = 75
o
C
di/dt [A/μs]
25
50
75
100
125
150
0
3
6
9
12
Case temperature, T
C
[
o
C]


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn