Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FFP08S60S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FFP08S60S
Description  8A, 600V STEALTHTM II Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FFP08S60S Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
FFP08S60S Rev. B
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Pulse : Test Pulse width = 300
µs, Duty Cycle = 2%
Test Circuit and Waveforms
Parameter
Conditions
Min.
Typ.
Max
Units
VFM
1
IF = 8A
IF = 8A
TC = 25 °C
TC = 125 °C
-
-
2.1
1.6
2.6
-
V
V
IRM
1
VR = 600V
VR = 600V
TC = 25 °C
TC = 125 °C
-
-
-
-
100
500
µA
µA
trr
IF =1A, di/dt = 100A/µs, VR= 30V
TC = 25 °C-
-
25
ns
trr
Irr
S factor
Qrr
IF =8A, di/dt = 200A/µs, VR = 390V
TC = 25 °C-
-
-
-
19
2.2
0.6
21
30
-
-
-
ns
A
nC
trr
Irr
S factor
Qrr
IF =8A, di/dt = 200A/µs, VR= 390V
TC = 125 °C-
-
-
-
58
4.3
1.3
125
-
-
-
-
ns
A
nC
WAVL
Avalanche Energy (L = 40mH)
20
-
-
mJ


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn