Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFP04H60S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FFP04H60S
Description  4A, 600V Hyperfast 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP04H60S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FFP04H60S Datasheet HTML 1Page - Fairchild Semiconductor FFP04H60S Datasheet HTML 2Page - Fairchild Semiconductor FFP04H60S Datasheet HTML 3Page - Fairchild Semiconductor FFP04H60S Datasheet HTML 4Page - Fairchild Semiconductor FFP04H60S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FFP04H60S Rev. A
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current vs.
Reverse Voltage
Figure 3.Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 5. Typical Reverse Recovery
Current vs. di/dt
Figure 6. Forward Current Derating Curve
01
23
4
0.1
1
10
T
C = 125
o
C
T
C = 75
o
C
Forward Voltage, V
F
[V]
T
C = 25
o
C
40
100
200
300
400
500
600
0.1
1
10
100
1000
10000
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
Reverse Voltage, V
R [V]
10
100
200
300
400
500
600
20
40
60
80
100
I
F
= 4A
T
C = 75
o
C
T
C = 25
o
C
T
C = 125
o
C
di/dt [A/µs]
0.1
1
10
100
0
10
20
30
40
50
60
Typical Capacitance
at 0V = 48 pF
Reverse Voltage, V
R
[V]
100
200
300
400
500
600
0
2
4
6
8
10
I
F
= 4A
TC = 125
o
C
T
C = 25
o
C
T
C = 75
o
C
di/dt [A/µs]
25
50
75
100
125
150
0
5
10
15
20
25
Case temperature, T
C
[
o
C]


Similar Part No. - FFP04H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFP04S60S FAIRCHILD-FFP04S60S Datasheet
242Kb / 5P
   STEALTHT M II Rectifier
FFP04U40DN FAIRCHILD-FFP04U40DN Datasheet
55Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFP04U40DN FAIRCHILD-FFP04U40DN Datasheet
62Kb / 4P
   Ultrafast with soft recovery
FFP04U40DNTU FAIRCHILD-FFP04U40DNTU Datasheet
62Kb / 4P
   Ultrafast with soft recovery
More results

Similar Description - FFP04H60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD440 FAIRCHILD-RHRD440 Datasheet
353Kb / 5P
   4A, 400V - 600V Hyperfast Diodes
logo
Intersil Corporation
RHRD440CC INTERSIL-RHRD440CC Datasheet
50Kb / 4P
   4A, 400V - 600V Hyperfast Dual Diodes
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
   600V 8A HYPERFAST RECTIFIER
logo
STMicroelectronics
STTH3006TPI STMICROELECTRONICS-STTH3006TPI Datasheet
55Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
June 2003 - Ed: 1A
logo
Diodes Incorporated
DSR8F600P DIODES-DSR8F600P Datasheet
830Kb / 5P
   600V 8A HYPERFAST RECTIFIER
March 2022 Rev. 9 - 3
logo
Fairchild Semiconductor
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
   50A, 600V Hyperfast Rectifier
logo
STMicroelectronics
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
   Tandem 600V HYPERFAST RECTIFIER
logo
Fairchild Semiconductor
RHRG1560CC_F085 FAIRCHILD-RHRG1560CC_F085 Datasheet
383Kb / 6P
   15A, 600V Hyperfast Rectifier
RHRG3060_F085 FAIRCHILD-RHRG3060_F085 Datasheet
398Kb / 6P
   30A, 600V Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com