Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFH15S60STU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FFH15S60STU
Description  Stealth 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFH15S60STU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFH15S60STU Datasheet HTML 1Page - Fairchild Semiconductor FFH15S60STU Datasheet HTML 2Page - Fairchild Semiconductor FFH15S60STU Datasheet HTML 3Page - Fairchild Semiconductor FFH15S60STU Datasheet HTML 4Page - Fairchild Semiconductor FFH15S60STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tm
September 2007
©2007 Fairchild Semiconductor Corporation
FFH15S60S Rev. A
www.fairchildsemi.com
1
Stealth 2 Rectifier
FFH15S60S
Features
• High Speed Switching, trr < 35ns @ IF = 15A
• High Reverse Voltage and High Reliability
• RoHS compliant
Applications
• General Purpose
• Switching Mode Power Supply
• Boost Diode in continuous mode power factor corrections
• Power switching circuits
15A, 600V Stealth 2 Rectifier
The FFH15S60S is stealth2 rectifier with soft recovery charac-
teristics. It is silicon nitride passivated ion-implanted epitaxial
planar construction.
This device is intended for use as freewheeling of boost diode in
switching power supplies and other power swithching applica-
tions. Their low stored charge and hyperfast soft recovery mini-
mize ringing and electrical noise in many power switching circuits
reducing power loss in the switching transistors.
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 120
oC
15
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
150
A
TJ, TSTG
Operating and Storage Temperature Range
-65 to +150
oC
Symbol
Parameter
Ratings
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.4
oC/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F15S60S
FFH15S60STU
TO-247-2L
-
-
50
1. Cathode
2. Anode
1. Cathode 2. Anode
TO-247-2L


Similar Part No. - FFH15S60STU

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FFH-10X PREMO-FFH-10X Datasheet
160Kb / 1P
   General Purpose
FFH-10Z PREMO-FFH-10Z Datasheet
160Kb / 1P
   General Purpose
FFH-12X PREMO-FFH-12X Datasheet
160Kb / 1P
   General Purpose
FFH-12Z PREMO-FFH-12Z Datasheet
160Kb / 1P
   General Purpose
FFH-16X PREMO-FFH-16X Datasheet
160Kb / 1P
   General Purpose
More results

Similar Description - FFH15S60STU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
ISL9R1560G_F085 FAIRCHILD-ISL9R1560G_F085 Datasheet
550Kb / 6P
   15A, 600V Stealth Rectifier
ISL9R3060G_F085 FAIRCHILD-ISL9R3060G_F085 Datasheet
510Kb / 6P
   30A, 600V Stealth Rectifier
logo
ON Semiconductor
FFD08S60S-F085 ONSEMI-FFD08S60S-F085 Datasheet
410Kb / 5P
   Rectifier – STEALTH II 8 A, 600 V
January, 2021 - Rev. 4
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
SDA-5000 JDSU-SDA-5000 Datasheet
780Kb / 12P
   Stealth Digital Analyzer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com