Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD0738R1 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD0738R1
Description  Single/Dual Channel CMOS Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD0738R1 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD0738R1 Datasheet HTML 1Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 2Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 3Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 4Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 5Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 6Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 7Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 8Page - Fairchild Semiconductor FOD0738R1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.fairchildsemi.com
FOD0708/FOD0738 Rev. 1.0.7
Switching Characteristics Over recommended temperature (TA = –40°C to +100°C) and
4.5 V
≤ VDD ≤ 5.5 V. All typical specifications are at TA = 25°C, VDD = +5 V.
*All typicals at TA = 25°C and VDD = 5V unless otherwise noted.
Isolation Characteristics (TA = -40°C to +100°C Unless otherwise specified.)
** All typical values are at VCC = 5 V, TA = 25°C
Notes:
1.
Propagation delay time, high to low (tPHL), is measured from the 50% level on the rising edge of the input pulse to the 2.5V level
of the falling edge of the output voltage signal. Propagation delay time, low to high (tPLH), is measured from the 50% level on the
falling edge of the input pulse to the 2.5V level of the rising edge of the output voltage signal.
2.
Pulse width distoration is defined as the absolute difference between the high to low and low to high propagation delay times,
| tPHL – tPLH |.
3.
Propagation delay skew, tPSK, is defined as the worst case difference in tPHL or tPLH between units within the recommended
operating range of the device.
4.
CMH – The maximum tolerated rate of rise of the common mode voltage to ensure the output will remain in the high state,
(i,e., VOUT > 2.0V) Measured in kilovolts per microsecond (kV/µs).
5.
CML – The maximum tolerated rate of fall of the common mode voltage to ensure the output will remain in the low state,
(i,e., VOUT < 0.8V). Measured in kilovolts per microsecond (kV/µs).
6.
Isolation voltage, VISO, is an internal device dielectric breakdown rating. For this test, pins 1,2,3,4 are common, and pins 5,6,7,8
are common.
Symbol
Parameter
Test Conditions
Min.
Typ.* Max.
Units
tPHL
Propagation Delay Time to
Logic Low Output
IF = 12 mA, CL = 15 pF
CMOS Signal Levels, note 1, fig. 10
20
60
ns
tPLH
Propagation Delay Time to
Logic High Output
IF = 12 mA, CL = 15 pF
CMOS Signal Levels,
note 1, fig. 10
FOD0708
13
60
ns
FOD0738
11
60
PW
Pulse Width
100
ns
| PWD |
Pulse Width Distortion
IF = 12 mA, CL = 15 pF
CMOS Signal Levels, note 2
0
30
ns
tPSK
Propagation Delay Skew
IF = 12 mA, CL = 15 pF
CMOS Signal Levels, note 3
40
ns
tR
Output Rise Time (10%–90%) IF = 12 mA, CL = 15 pF
CMOS Signal Levels
12
ns
tF
Output Fall Time (90%–10%)
IF = 12 mA, CL = 15 pF
CMOS Signal Levels
8
ns
| CMH |
Common Mode Transient
Immunity at Logic High
Output
VCM = 1000 V, TA = 25°C, IF = 0 mA,
note 4, fig. 11
25
50
kV/µs
| CML |
Common Mode Transient
Immunity at Logic Low Output
VCM = 1000 V, TA = 25°C, IF = 12 mA,
note 5, fig. 11
25
50
kV/µs
Characteristics
Test Conditions Symbol
Min
Typ.**
Max
Unit
Input-Output Insulation
Leakage Current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC) (Note 6)
II-O
1.0
µA
Withstand Insulation
Test Voltage
(II-O ≤ 10 µA, RH < 50%,
TA = 25°C) (t = 1 min.) (Note 6)
VISO
2500
VRMS
Resistance (Input to Output)
(VI-O = 500 V) (Note 6)
RI-O
1012
Capacitance (Input to Output)
(f = 1 MHz) (Note 6)
CI-O
0.6
pF


Similar Part No. - FOD0738R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0738 FAIRCHILD-FOD0738 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
More results

Similar Description - FOD0738R1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-071L BOARDCOM-ACPL-071L Datasheet
600Kb / 11P
   Single-Channel and Dual-Channel High-Speed 15-MBd CMOS Optocoupler
logo
Vishay Siliconix
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
logo
Fairchild Semiconductor
MOCD207R2M FAIRCHILD-MOCD207R2M Datasheet
2Mb / 9P
   Dual Channel Optocoupler
logo
Solid State Optronic
SDT800-F8 SSOUSA-SDT800-F8 Datasheet
223Kb / 8P
   Dual Channel Optocoupler
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
   Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
logo
List of Unclassifed Man...
MTL6400U ETC-MTL6400U Datasheet
66Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com