Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KW4-361 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part No. KW4-361
Description  LED Numeric Display Four Digit (0.36)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUCKY-LIGHT [Lucky Light Electronic]
Homepage  http://www.lucky-light.com
Logo 

KW4-361 Datasheet(HTML) 1 Page - Lucky Light Electronic

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW4-361 SERIES
LED Numeric Display
Four Digit (0.36")
INTERNAL CIRCUIT DIAGRAM
5
o
30.00(1.182)
7.50
7.50
7.50
4.80
0.80
f0.5
2.54*5=12.70
10.16
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW4-361A3
KW4-361AS
KW4-361A2
KW4-361AG
KW4-361A6
KW4-361C3
KW4-361CS
KW4-361C2
KW4-361CG
KW4-361C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW4-361 series is 0.36 inch (9.20mm) height four digit display.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
DIG.1
DIG.2
DIG.3
DIG.4
DP
D
C
B
A
F
G
E
12
11 7
4
2
1 10 5
3
A B CD E
F G DP
A B C D E
F G DP
A
B CD E
F G DP
A B C D E F G DP
DIG.1
DIG.2
DIG.3
DIG.4
9
8
6
12
11 7
4
2
1 10 5
3
A B CD E
F G DP
A B C D E
F G DP
A
B CD E
F G DP
A B C D E F G DP
DIG.1
DIG.2
DIG.3
DIG.4
9
8
6
+
PIN 1


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KW4-332LED Numeric Display Four Digit 0.33 1 Lucky Light Electronic
KW3-361LED Numeric Display Three Digit 0.36 1 Lucky Light Electronic
KW4-251LED Numeric Display Four Digit 0.25 1 Lucky Light Electronic
KW3-362LED Numeric Display Three Digit 0.36 1 Lucky Light Electronic
KW4-281LED Numeric Display Four Digit 0.28 1 Lucky Light Electronic
KW4-282LED Numeric Display Four Digit 0.28 1 Lucky Light Electronic
KW4-283LED Numeric Display Four Digit 0.28 1 Lucky Light Electronic
KW4-284LED Numeric Display Four Digit 0.28 1 Lucky Light Electronic
KW4-301LED Numeric Display Four Digit 0.30 1 Lucky Light Electronic
KW4-305LED Numeric Display Four Digit 0.30" 1 Lucky Light Electronic

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn