Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KW3-561 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part No. KW3-561
Description  LED Numeric Display Three Digit (0.56)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUCKY-LIGHT [Lucky Light Electronic]
Homepage  http://www.lucky-light.com
Logo 

KW3-561 Datasheet(HTML) 1 Page - Lucky Light Electronic

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW3-561 SERIES
LED Numeric Display
Three Digit (0.56")
DESCRIPTION:
The KW3-561 series is 0.56 inch (14.20mm) height three digit display with
right DPs designed for viewing distances of up to seven meters.
This series is suitable for use in industrial controls, consumer products and
instrument panels.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
12
11 7 4 2 1 10 5 3
DIG.1
DIG.2
DIG.3
AB C D E F GDP A B C DE F G DP AB C D E F GDP
98
6 NO CONNECT
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
750
5600
750
850
700
750
5600
750
850
700
2000
21000
2000
2200
1600
2000
21000
2000
2200
1600
Electro-optical Data(at 10mA)
KW3-561A3
KW3-561AS
KW3-561A2
KW3-561AG
KW3-561A6
KW3-561C3
KW3-561CS
KW3-561C2
KW3-561CG
KW3-561C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
10.0
o
PIN 1.
+
2.54*5=12.70
37.60
15.24
8.10
1.35
12.70
12.70
φ0.5
DIG.1
DIG.2
DIG.3
A
B
C
E
F
G
D
DP
12
11 7 4 2 1 10 5 3
DIG.1
DIG.2
DIG.3
AB C D E F GDP A B C DE F G DP AB C D E F GDP
98
6 NO PIN


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn