Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KW3-402 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part No. KW3-402
Description  LED Numeric Display Three Digit (0.40)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUCKY-LIGHT [Lucky Light Electronic]
Homepage  http://www.lucky-light.com
Logo 

KW3-402 Datasheet(HTML) 1 Page - Lucky Light Electronic

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
φ0.5
KW3-402 SERIES
LED Numeric Display
Three Digit (0.40")
DESCRIPTION:
The KW3-402 series is 0.40 inch (10.20mm) height three digit display designed
for viewing distances of up to six meters.
This series is suitable for use in instruments, point of sales terminals and
electrical appliances.
All devices are available as either common anode or common cathode.
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
1.7
1.5
1.7
1.7
1.7
1.7
1.5
1.7
1.7
1.7
1.9
1.9
2.2
2.2
1.9
1.9
1.9
2.2
2.2
1.9
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
2.6
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
700
1500
700
850
600
700
1500
700
850
600
1800
5000
1600
1900
1500
1800
5000
1600
1900
1500
Electro-optical Data(at 10mA)
KW3-402A3
KW3-402AS
KW3-402A2
KW3-402AG
KW3-402A6
KW3-402C3
KW3-402CS
KW3-402C2
KW3-402CG
KW3-402C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
10.16
10.16
A
B
C
E
F G
DP
D
5.80
8
o
1.04
PIN 1.
30.10
12.70
2.54*10=25.40
DIG.1
DIG.2
DIG.3
DIG.1
DIG.2
DIG.3
20 19 3 2 1 21 22
AB C D E F G
17 16 6 5 4 18 7
AB C D E F G
13 12 10 9 8 14 15
AB C D E F G
11
DIG.1
DIG.2
DIG.3
20 19 3 2 1 21 22
AB C D E F G
17 16 6 5 4 18 7
AB C D E F G
13 12 10 9 8 14 15
AB C D E F G
11


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn