Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5069MTCX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5069MTCX
Description  PWM and LDO Controller Combo
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5069MTCX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5069MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5069MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5069 Rev. 1.1.5
5
Electrical Characteristics
Unless otherwise noted, VCC = 5V, TA = 25°C, using circuit in Figure 1.
The ‘•’ denotes that the specifications apply to the full ambient operating temperature range. See Notes 4 and 5.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Supply Current
IVCC
VCC Current (Quiescent)
HDRV, LDRV Open
2.6
3.2
3.8
mA
IVCC(SD)
VCC Current (Shutdown)
EN = 0V, VCC = 5.5V
200
400
μA
IVCC(OP) VCC Current (Operating)
EN = 5V, VCC = 5.0V,
QFET = 20nC, FSW = 200kHz
10
15
mA
VSHUNT
VCC Voltage
(6)
Sinking 1mA to 100mA at VCC
Pin
5.5
5.9
V
Under-Voltage Lockout (UVLO)
UVLO(H) Rising VCC UVLO Threshold
4.00
4.25
4.50
V
UVLO(L)
Falling VCC UVLO Threshold
3.60
3.75
4.00
V
VCC UVLO Threshold
Hysteresis
0.50
V
Soft-Start
ISS
Current
10
μA
VLDOSTART LDO Start Threshold
2.2
V
VSSOK
PWM Protection Enable
Threshold
1.2
V
Oscillator
FOSC
Frequency
R(T) = 56K
Ω ± 1%
240
300
360
KHz
R(T) = Open
160
200
240
KHz
Frequency Range
160
600
KHz
ΔV
RAMP
Ramp Amplitude
(Peak-to-Peak)
R(RAMP) = 330K
Ω
0.4
V
Minimum ON Time
F = 200kHz
200
nS.
Reference
VREF
Reference Voltage
(Measured at FB Pin)
TA = 0°C to 70°C
790
800
810
mV
TA = -40°C to 85°C
788
800
812
mV
Current Amplifier Reference
(at SW node)
160
mV
Error Amplifier
DC Gain
80
dB
GBWP
Gain-BW Product
25
MHz
S/R
Slew Rate
10pF across COMP to GND
8
V/
μS.
Output Voltage Swing
No Load
0.5
4.0
V
IFB
FB Pin Source Current
1
μA
Gate Drive
RHUP
HDRV Pull-up Resistor
Sourcing
1.8
3.0
Ω
RHDN
HDRV Pull-down Resistor
Sinking
1.8
3.0
Ω
RLUP
LDRV Pull-up Resistor
Sourcing
1.8
3.0
Ω
RLDN
LDRV Pull-down Resistor
Sinking
1.2
2.0
Ω


Similar Part No. - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069MTCX FAIRCHILD-FAN5069MTCX Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
More results

Similar Description - FAN5069MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5069 FAIRCHILD-FAN5069 Datasheet
379Kb / 20P
   PWM and LDO Controller Combo
FAN5069 FAIRCHILD-FAN5069_06 Datasheet
621Kb / 22P
   PWM and LDO Controller Combo
logo
International Rectifier
IRU3048 IRF-IRU3048 Datasheet
154Kb / 18P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Advanced Power Electron...
APU3048 A-POWER-APU3048 Datasheet
189Kb / 15P
   DUAL SYNCHRONOUS PWM CONTROLLER CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
NX2139A MICROSEMI-NX2139A Datasheet
857Kb / 21P
   SINGLE CHANNEL MOBILE PWM AND LDO CONTROLLER
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
1,018Kb / 24P
   Wide Frequency Synchronous Buck PWM AND LDO Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
   DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Microsemi Corporation
LX2750 MICROSEMI-LX2750 Datasheet
394Kb / 11P
   SINGLE INPUT SUPPLY PWM CONTROLLER WITH LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com