Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJL4315 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FJL4315
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJL4315 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FJL4315 Datasheet HTML 1Page - Fairchild Semiconductor FJL4315 Datasheet HTML 2Page - Fairchild Semiconductor FJL4315 Datasheet HTML 3Page - Fairchild Semiconductor FJL4315 Datasheet HTML 4Page - Fairchild Semiconductor FJL4315 Datasheet HTML 5Page - Fairchild Semiconductor FJL4315 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
2SC5200/FJL4315 Rev. A2
1
March 2008
2SC5200/FJL4315
NPN Epitaxial Silicon Transistor
Applications
• High-Fidelity Audio Output Amplifier
• General Purpose Power Amplifier
Features
• High Current Capability: IC = 15A.
• High Power Dissipation : 150watts.
• High Frequency : 30MHz.
• High Voltage : VCEO=230V
• Wide S.O.A for reliable operation.
• Excellent Gain Linearity for low THD.
• Complement to 2SA1943/FJL4215.
• Thermal and electrical Spice models are available.
• Same transistor is also available in:
-- TO3P package, 2SC5242/FJA4313 : 130 watts
-- TO220 package, FJP5200 : 80 watts
-- TO220F package, FJPF5200 : 50 watts
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics* T
a=25°C unless otherwise noted
* Device mounted on minimum pad size
hFE Classification
Symbol
Parameter
Ratings
Units
BVCBO
Collector-Base Voltage
230
V
BVCEO
Collector-Emitter Voltage
230
V
BVEBO
Emitter-Base Voltage
5
V
IC
Collector Current(DC)
15
A
IB
Base Current
1.5
A
PD
Total Device Dissipation(TC=25°C)
Derate above 25
°C
150
1.04
W
W/
°C
TJ, TSTG
Junction and Storage Temperature
- 50 ~ +150
°C
Symbol
Parameter
Max.
Units
RθJC
Thermal Resistance, Junction to Case
0.83
°C/W
Classification
R
O
hFE1
55 ~ 110
80 ~ 160
1.Base 2.Collector 3.Emitter
1
TO-264


Similar Part No. - FJL4315

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJL4315 FAIRCHILD-FJL4315 Datasheet
64Kb / 5P
   Audio Power Amplifier
logo
ON Semiconductor
FJL4315OTU ONSEMI-FJL4315OTU Datasheet
238Kb / 7P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
FJL4315RTU ONSEMI-FJL4315RTU Datasheet
238Kb / 7P
   NPN Epitaxial Silicon Transistor
January 2009 Rev. C
More results

Similar Description - FJL4315

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com