Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPCI2HEYC Datasheet(PDF) 67 Page - STMicroelectronics

Part # STPCI2HEYC
Description  X86 Core PC Compatible System-on-Chip for Terminals
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCI2HEYC Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STPCI2HEYC Datasheet HTML 63Page - STMicroelectronics STPCI2HEYC Datasheet HTML 64Page - STMicroelectronics STPCI2HEYC Datasheet HTML 65Page - STMicroelectronics STPCI2HEYC Datasheet HTML 66Page - STMicroelectronics STPCI2HEYC Datasheet HTML 67Page - STMicroelectronics STPCI2HEYC Datasheet HTML 68Page - STMicroelectronics STPCI2HEYC Datasheet HTML 69Page - STMicroelectronics STPCI2HEYC Datasheet HTML 70Page - STMicroelectronics STPCI2HEYC Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
ELECTRICAL SPECIFICATIONS
Issue 1.0 - July 24, 2002
67/111
4.5.16 JTAG INTERFACE
Figure
4-15
and
Table
4-21
list
the
AC
characteristics of the JTAG interface.
Figure 4-15. JTAG timing diagram
Table 4-25. JTAG AC Timings
Name
Parameter
Min
Max
Unit
Treset
TRST pulse width
1
Tcycle
Tcycle
TCLK period
400
ns
TCLK rising time
20
ns
TCLK falling time
20
ns
Tjset
TMS setup time
200
ns
Tjhld
TMS hold time
200
ns
Tjset
TDI setup time
200
ns
Tjhld
TDI hold time
200
ns
Tjout
TCLK to TDO valid
30
ns
Tpset
STPC pin setup time
30
ns
Tphld
STPC pin hold time
30
ns
Tpout
TCLK to STPC pin valid
30
ns
TCK
STPC.input
TRST
Treset
Tcycle
STPC.output
TMS,TDI
TDO
Tjset
Tjhld
Tjout
Tpset
Tphld
Tpout


Similar Part No. - STPCI2HEYC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCI0166BTC3 STMICROELECTRONICS-STPCI0166BTC3 Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
STPCI0166BTI3 STMICROELECTRONICS-STPCI0166BTI3 Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
STPCI0180BTC3 STMICROELECTRONICS-STPCI0180BTC3 Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
STPCI0180BTI3 STMICROELECTRONICS-STPCI0180BTI3 Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
STPCINDUSTRIAL STMICROELECTRONICS-STPCINDUSTRIAL Datasheet
787Kb / 55P
   PC Compatible Embedded Microprocessor
5/11/99
More results

Similar Description - STPCI2HEYC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPCCONSUMER-II STMICROELECTRONICS-STPCCONSUMER-II Datasheet
1Mb / 93P
   X86 Core PC Compatible Information Appliance System-on-Chip
January 29, 2002
STPCELITE STMICROELECTRONICS-STPCELITE Datasheet
1Mb / 87P
   X86 Core General Purpose PC Compatible System - on - Chip
1.3 - January 29, 2002
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
logo
Cirrus Logic
CL-PS7500FE CIRRUS-CL-PS7500FE Datasheet
2Mb / 251P
   System-on-a Chip for Internet Appliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com