Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KW1-2301 Datasheet(PDF) 1 Page - Lucky Light Electronic

Part # KW1-2301
Description  LED Numeric Display Single Digit (2.30")
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

KW1-2301 Datasheet(HTML) 1 Page - Lucky Light Electronic

  KW1-2301 Datasheet HTML 1Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KW1-2301 SERIES
LED Numeric Display
Single Digit (2.30")
INTERNAL CIRCUIT DIAGRAM
PACKAGE DIMENSIONS
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25
o
C AMBIENT)
C.C
or
C.A
Hi-Eff. Red
Super Red
Green
Super Green
Yellow
Hi-Eff Red
Super Red
Green
Super Green
Yellow
Emitted
Color
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
GaAsP/GaP
GaAlAs
GaP
GaP
GaAsP/GaP
Raw
Material
Chip
635
660
565
570
585
635
660
565
570
585
45
20
30
30
30
45
20
30
30
30
∆λ
(nm)
100
100
100
100
100
100
100
100
100
100
Pd
(mW)
100
100
100
100
100
100
100
100
100
100
If
(Peak)
(mA)
If
(Rec)
mA
Absolute Maximum Ratings
50
50
50
50
50
50
50
50
50
50
If
(mA)
6.8
6.4
6.8
6.8
6.8
6.8
6.4
6.8
6.8
6.8
8.0
7.5
8.4
8.4
8.4
8.0
7.5
8.4
8.4
8.4
10
8.0
10
10
10
10
8.0
10
10
10
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
10-20
2000
12000
1800
2000
1800
2000
12000
1800
2000
1800
6000
42000
5400
5700
5400
6000
42000
5400
5700
5400
Electro-optical Data(at 10mA)
KW1-2301A3
KW1-2301AS
KW1-2301A2
KW1-2301AG
KW1-2301A6
KW1-2301C3
KW1-2301CS
KW1-2301C2
KW1-2301CG
KW1-2301C6
Part No.
Common
Anode
Common
Cathode
Wave
Length
λρ (nm)
Vf (V)
Per Segment
Min. Typ. Max.
Iv (
µcd)
Per Segment
Min.
Typ.
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments.
2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve.
3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).
DESCRIPTION:
The KW1-2301 series is large single digit display in 2.30 inch (56.90mm) height
with right DP designed for accurate readable displays need to be viewed over
a distance.
This series is suitable for use in instruments, digital readout displays.
All devices are available as either common anode or common cathode.
TESTING CONDITION FOR EACH PARAMETER :
Parameter
Forward Voltage
Peak Emission Wave Length
Spectral Line Half-Width
Reverse Current
Average Luminous Intensity
Symbol
Vf
λρ
∆λ
Ir
Iv
Unit
V
nm
nm
µA
µ cd
Test Condition
If=20mA
If=20mA
If=20mA
Vr=5V
If=10mA
ABSOLUTE MAXIMUM RATINGS: (Ta=25
o
C)
Max
5 V
100
µA
0.4mA/
oC
-40
oC To 85oC
-40
oC To 100oC
Parameter
Reverse Voltage per segment
Reverse Current per segment (Vr = 5V)
Derating Linear from 25
oC per segment
Operating Temperature Range
Storage Temperature Range
Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260
oC
NOTES : 1. All dimensions are in millimeters (inches).
2. Tolerance is +0.25mm(0.010) unless otherwise specified.
3. Specifications are subject to change without notice.
4. NP: No Pin.
5. NC: No Connect.
5.50
A
B
C
DDP
E
F
G
47.70
PIN 1
2.54*4=10.16
59.80
31.90
φ0.50
+
8.0
o
A
1, 8
BC D E F G DP
6 4
2 9 10 5
7
3
A
1, 8
BC D E F G DP
6 4
2 9 10 5
7
3


Similar Part No. - KW1-2301

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
KW1-2301A26 LUCKY-LIGHT-KW1-2301A26 Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
KW1-2301A32 LUCKY-LIGHT-KW1-2301A32 Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
KW1-2301ASG LUCKY-LIGHT-KW1-2301ASG Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
KW1-2301C26 LUCKY-LIGHT-KW1-2301C26 Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
KW1-2301C32 LUCKY-LIGHT-KW1-2301C32 Datasheet
52Kb / 1P
   Multi-Color LED Numeric Display Single Digit (2.30")
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com